Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 19Page - STMicroelectronics STLC5466 Datasheet HTML 20Page - STMicroelectronics STLC5466 Datasheet HTML 21Page - STMicroelectronics STLC5466 Datasheet HTML 22Page - STMicroelectronics STLC5466 Datasheet HTML 23Page - STMicroelectronics STLC5466 Datasheet HTML 24Page - STMicroelectronics STLC5466 Datasheet HTML 25Page - STMicroelectronics STLC5466 Datasheet HTML 26Page - STMicroelectronics STLC5466 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
23/130
STLC5466
III.6.2.2 - Read Fetch Memory
When the microprocessor delivers the address
word named An to read data named [An] out of the
shared memory in fact it reads data [An] from the
Read Fetch Memory (64 words).
The number of wait cycle for the microprocessor is
strongly reduced. If An, address word delivered by
the microprocessor, and data [An] are already in
the Read Fetch Memory and validated then there
is no wait time for the microprocessor.
The source of [An] is truly the shared memory
whatever An.
Data [An] if validated in Fetch Memory and Data
[An] in shared memory are always the same.
III.6.2.3 - Definition of the Interface for the dif-
ferent microprocessors
The signals connected to the microprocessor in-
terface are presented on the following figures for
the different microprocessor (see Figures).
III.7 - Memory Interface
III.7.1 - Function Description
The memory interface allows the connection of
Synchronous Dynamic RAM. The memory inter-
face will address up to 16 Megabytes. The memo-
ry location is always organized in 16 bits.
The memory is shared between the Multi-HDLC
and the microprocessor. The access to the mem-
ory is arbitrated by an internal function of the cir-
cuit: the bus arbitration.
III.7.2 - Choice of memory versus microproces-
sor and capacity required
The memory interface depends on the memory
chips which are connected. The memory chips will
be chosen versus their organization.
Example1: if the application requires 8 or 16 bit
µProcessor and 1 Megaword Shared memory
size, one capability is offered:
– 1 SDRAM Circuit (1Mx16).
Example2: if the application requires 16 bit
µProc-
essor and 4 Megaword Shared memory size,
three capabilities are offered:
– 4 SDRAM Circuits (1Mx16) or
– 4 SDRAM Circuits (4Mx4) or
– 1 SDRAM Circuit (4Mx16).
.Example3: if the application requires 8 Megaword
Shared memory size three capabilities are offered:
– 8 SDRAM Circuits (4Mx4) or
– 2 SDRAM Circuits (4Mx16) or
– 2 SDRAM Circuit (8Mx8).
III.7.3 - Memory Cycle
Some parameters are frozen:
– Burst Read and Single Write.
– The Burst Length is 4.
– The burst data is addressed in sequential mode.
The programmable parameters are:
– Latency Mode
– selected circuit organisation
– the
exchanges
between
Multi-HDLC
and
SDRAM are at the Master Clock frequency
(33MHz, 50MHz, 66MHz)
III.7.4 - Memories composed of different cir-
cuits
III.7.4.1 - Memory obtained with 1M x16 SDRAM
circuit
The Address bits delivered by the Multi-HDLC for
1M x 16 SDRAM circuits are:
– ADM11 for Bank select corresponding with A20
delivered by the microprocessor
– ADM0/10 for Row address inputs corresponding
with A9/19 delivered by the microprocessor
– ADM0/7 for Column address inputs correspond-
ing with A1/8 delivered by the microprocessor
III.7.4.2 - Memory obtained with 2M x 8 SDRAM
circuit
The Address bits delivered by the Multi-HDLC for
2M x 8 SDRAM circuits are:
– ADM11 for Bank select corresponding with A21
delivered by the microprocessor
– ADM0/10 for Row address inputs corresponding
with A10/20 delivered by the microprocessor
– ADM0/8 for Column address inputs correspond-
ing with A1/9 delivered by the microprocessor
Signals
A22
A21
Signals
A0
or equiva-
lent
NCE3
1
1
NCE2
1
0
NCE1
0
1
UDQM
1
NCE0
0
0
LDQM
0
Signals
A0 or equivalent
NLDS
NUDS
UDQM
1
0
1
LDQM
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com