Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 62Page - STMicroelectronics STLC5466 Datasheet HTML 63Page - STMicroelectronics STLC5466 Datasheet HTML 64Page - STMicroelectronics STLC5466 Datasheet HTML 65Page - STMicroelectronics STLC5466 Datasheet HTML 66Page - STMicroelectronics STLC5466 Datasheet HTML 67Page - STMicroelectronics STLC5466 Datasheet HTML 68Page - STMicroelectronics STLC5466 Datasheet HTML 69Page - STMicroelectronics STLC5466 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 130 page
background image
STLC5466
66/130
AR10
:
Address Recognition10
AR10 = 1, First byte after opening flag of received frame is compared to AF0/7 bits of AFRDR. If the first
byte received and AF0/7 bits are not identical the frame is ignored.
AR10 = 0, First byte after opening flag of received frame is not compared to AF0/7 bits of AFRDR Register.
AR11
:
Address Recognition 11
AR11 = 1, First byte after opening flag of received frame is compared to all “1”s.If the first byte received is
not all “1”s the frame is ignored.
AR11 = 0, First byte after opening flag of received frame is not compared to all “1”s.
AR20
:
Address Recognition 20
AR20 = 1, Second byte after opening flag of received frame is compared to AF8/15 bits of AFRDR Regis-
ter. If the second byte received and AF8/15 bits are not identical the frame is ignored.
AR20 = 0, Second byte after opening flag of received frame is not compared to AF8/15 bits of AFRDR Reg-
ister.
AR21
:
Address Recognition 21
AR21 = 1, Second byte after opening flag of received frame is compared to all “1”s. If the Second byte
received is not all “1”s the frame is ignored.
AR21 = 0, Second byte after opening flag of received frame is not compared to all “1”s.
Second Byte
First Byte
Conditions to Receive a Frame
AR21
AR20
AR11
AR10
0
0
0
0
Each frame is received without condition.
0
0
0
1
Only value of the first received byte must be equal to that of AF0/7 bits.
0
0
1
0
Only value of the first received byte must be equal to all “1”s.
0
0
1
1
The value of the first received byte must be equal either to that of AF0/7 or to all
“1”s.
0
1
0
0
Only value of the second received byte must be equal to that of AF8/15 bits.
0
1
0
1
The value of the first received byte must be equal to that of AF0/7 bits and the value
of the second received byte must be equal to that of AF8/15 bits.
0
1
1
0
The value of first received byte is must be equal to all “1”s and the value of second
received byte must be equal to that of AF8/15 bits.
0
1
1
1
The value of the first received byte must be equal either to that of AF0/7 or to all
“1”s and the value of the second received byte must be equal to that of AF8/15 bits.
1
0
0
0
Only the value of the second received byte must be equal to all “1”s.
1
0
0
1
The value of the first received byte must be equal to that of AF0/7 bits and the value
of the second received byte must be equal to all “1”s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com