Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC5466 Datasheet HTML 1Page - STMicroelectronics STLC5466 Datasheet HTML 2Page - STMicroelectronics STLC5466 Datasheet HTML 3Page - STMicroelectronics STLC5466 Datasheet HTML 4Page - STMicroelectronics STLC5466 Datasheet HTML 5Page - STMicroelectronics STLC5466 Datasheet HTML 6Page - STMicroelectronics STLC5466 Datasheet HTML 7Page - STMicroelectronics STLC5466 Datasheet HTML 8Page - STMicroelectronics STLC5466 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
STLC5466
4/130
VI.4
INPUT MULTIPLEX CONFIGURATION REGISTER 1 ........... IMCR1 (06)H.......................34
VI.5
OUTPUT MULTIPLEX CONFIGURATION REGISTER 0........ OMCR0 (08)H.....................34
VI.6
OUTPUT MULTIPLEX CONFIGURATION REGISTER 1........ OMCR1 (0A)H ....................34
VI.7
SWITCHING MATRIX CONFIGURATION REGISTER ........... SMCR (0C)H.......................35
VI.8
CONNECTION MEMORY DATA REGISTER ......................... CMDR (0E)H.......................37
VI.9
CONNECTION MEMORY ADDRESS REGISTER ................. CMAR (10)H .......................41
VI.10
SEQUENCE FAULT COUNTER REGISTER ......................... SFCR (12)H ........................45
VI.11
TIME SLOT ASSIGNER ADDRESS REGISTER 1.................. TAAR1 (14)H ......................45
VI.12
TIME SLOT ASSIGNER DATA REGISTER 1 ......................... TADR1 (16)H ......................45
VI.13
HDLC TRANSMIT COMMAND REGISTER 1 ......................... HTCR1 (18)H......................46
VI.14
HDLC RECEIVE COMMAND REGISTER 1 ............................ HRCR1 (1A)H .....................48
VI.15
ADDRESS FIELD RECOGNITION ADDRESS REGISTER 1 . AFRAR1 (1C)H ...................50
VI.16
ADDRESS FIELD RECOGNITION DATA REGISTER 1 ......... AFRDR1 (1E)H ...................50
VI.17
FILL CHARACTER REGISTER 1 ............................................ FCR1 (20)H ........................51
VI.18
GCI CHANNELS DEFINITION REGISTER 0 ......................... GCIR0 (22)H.......................51
VI.19
GCI CHANNELS DEFINITION REGISTER 1 .......................... GCIR1 (24)H.......................51
VI.20
GCI CHANNELS DEFINITION REGISTER 2 .......................... GCIR2 (26)H.......................52
VI.21
GCI CHANNELS DEFINITION REGISTER 3 .......................... GCIR3 (28)H.......................52
VI.22
TRANSMIT COMMAND / INDICATE REGISTER .................. TCIR (2A)H .........................52
VI.23
TRANSMIT MONITOR ADDRESS REGISTER....................... TMAR (2C)H .......................53
VI.24
TRANSMIT MONITOR DATA REGISTER .............................. TMDR (2E)H .......................54
VI.25
TRANSMIT MONITOR INTERRUPT REGISTER.................... TMIR (30)H .........................55
VI.26
MEMORY INTERFACE CONFIGURATION REGISTER ......... MICR (32)H.........................55
VI.27
INITIATE BLOCK ADDRESS REGISTER 1 ........................... IBAR1 (34)H .......................56
VI.28
INTERRUPT QUEUE SIZE REGISTER ................................. IQSR (36)H .........................56
VI.29
INTERRUPT REGISTER ........................................................ IR (38)H ..............................57
VI.30
INTERRUPT MASK REGISTER.............................................. IMR (3A)H...........................58
VI.31
TIMER REGISTER 1 ............................................................... TIMR1 (3C)H ......................59
VI.32
TEST REGISTER .................................................................... TR (3E)H.............................59
VI.33
GENERAL CONFIGURATION REGISTER 2 .......................... GCR2 (42)H........................60
VI.34
SPLIT FETCH MEMORY REGISTER ..................................... SFMR (4E)H .......................61
VI.35
TIME SLOT ASSIGNER ADDRESS REGISTER 2.................. TAAR2 (54)H ......................62
VI.36
TIME SLOT ASSIGNER DATA REGISTER 2 ......................... TADR2 (56)H ......................62
VI.37
HDLC TRANSMIT COMMAND REGISTER 2 ........................ HTCR2 (58)H......................63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com