Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 55Page - STMicroelectronics STLC5466 Datasheet HTML 56Page - STMicroelectronics STLC5466 Datasheet HTML 57Page - STMicroelectronics STLC5466 Datasheet HTML 58Page - STMicroelectronics STLC5466 Datasheet HTML 59Page - STMicroelectronics STLC5466 Datasheet HTML 60Page - STMicroelectronics STLC5466 Datasheet HTML 61Page - STMicroelectronics STLC5466 Datasheet HTML 62Page - STMicroelectronics STLC5466 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 130 page
background image
59/130
STLC5466
VI.31 - Timer Register 1
TIMR1 (3C)H
This programmable register indicates the time at the end of which the Watch Dog delivers logic “1” on the
pin WDO (which is an output) but only if the microprocessor does not reset the counter assigned (with the
help of WDR bit of IDCR (Identification and Dynamic Command Register) during the time defined by the
Timer Register.When the microprocessor does not reset the counter, the pin WDO delivers logic “1 as
soon as delta T plus programmed time are reached. (delta T from one to two clock periods of the associ-
ated counter).
Remark:
the time indicated in this register is obtained when the clock period of the associated counter is 250 mi-
croseconds. The minimum programmable time is four clock periods (1 millisecond in this case); the dura-
tion of the pulse delivered by the pin WDO is one clock period (250 microseconds).
The Timer Register and its counter can be used as a time base by the microprocessor. An interrupt (TIM)
is generated at each period defined by the Timer Register if the microprocessor does not reset the counter.
To reset the counter, WDR (bit of IDCR) must be set to “1” by the microprocessor.
The Watch Dog or the Timer is incremented by the Frame Synchronisation clock divided by two (TBFS=1)
or by a submultiple of MCLK signal (TBFS=0; TBFS, bit of Interrupt Queue Size Register).
Example:
TBFS=1 if the Frame Synchronisation clock is at 8 kHz, the period of the counter clock is 250 microsec-
onds
TBFS=0 if MCLK clock is at 32768 kHz the clock period of the counter is 250 microseconds (inverse of
32768kHz divided by 8192).
When TSV=1{bit of General Configuration Register)} this programmable register (TIMR1) is not signifi-
cant.
VI.32 - Test Register
TR (3E)H
bit15
bit8
bit7
bit0
S3
S2
S1
S0
MS9
MS8
MS7
MS6
MS5
MS4
MS3
MS2
MS1
MS0
MM1
MM0
0 to 5s
0 to 999ms
0 to 3x0.25ms
After reset (0800)H
bit15
bit8
bit7
bit0
re
s
e
rv
e
d
re
s
e
r
v
e
d
T15/0 : Test bits 0/15
These bits are reserved for the test of the circuit in production.The use of these bits is forbidden.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com