Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 8Page - STMicroelectronics STLC5466 Datasheet HTML 9Page - STMicroelectronics STLC5466 Datasheet HTML 10Page - STMicroelectronics STLC5466 Datasheet HTML 11Page - STMicroelectronics STLC5466 Datasheet HTML 12Page - STMicroelectronics STLC5466 Datasheet HTML 13Page - STMicroelectronics STLC5466 Datasheet HTML 14Page - STMicroelectronics STLC5466 Datasheet HTML 15Page - STMicroelectronics STLC5466 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 130 page
background image
STLC5466
12/130
Notes : 1. D0/15 input/output pins must be connected to one single external pull up resistor if not used.
I.1 - Pin Definition
The pins of the circuit are five volts tolerant except
the pins assigned to SDRAM interface.
I.1.1 - Input Pin Definition
I.1.2 - Output Pin Definition
Moreover, each output is high impedance when the NTEST Pin is at 0 volt.
I.1.3 - Input/Output Pin Definition.
162
DM6
I/O8_fnt SDRAM Data bit 6
163
DM7
I/O8_fnt SDRAM Data bit 7
164
DM8
I/O8_fnt SDRAM Data bit 8
165
DM9
I/O8_fnt SDRAM Data bit 9
166
DM10
I/O8_fnt SDRAM Data bit 10
167
DM11
I/O8_fnt SDRAM Data bit 11
168
DM12
I/O8_fnt SDRAM Data bit 12
169
DM13
I/O8_fnt SDRAM Data bit 13
170
DM14
I/O8_fnt SDRAM Data bit 14
171
DM15
I/O8_fnt SDRAM Data bit 15
174
NTEST
I2_ft
Test Control. When this pin is at 0V each output is high impedance.
Pin N°
Symbol
Type
Function
Type
ft: five volts tolerant
fnt: five volts not tolerant
TTL
I1_ft = Input TTL
I2_ft = I1_ft+pull up
I3_ft = I1_ft+hysteresis
I4_ft = I3_ft+pull up
TTL
I/O6 _ft = Input TTL/ Output TTL 6 mA
I5_ft = I3_ft+pull down;
TTL
O3 _ft = Output TTL 3 mA
O3T_ft = O3_ft+Tristate
O6_ft = Output TTL 6mA
TTL
O6D_ft = Output TTL 6mA, Open Drain
O6DT_ft = Output TTL 6mA, Open Drain or Tristate
CMOS
I/O8_fnt = Input TTL, /Output CMOS 8mA;
O8T_fnt = Output CMOS
8mA
I/O8_fnt = Input TTL, /Output CMOS
8mA
CMOS
O4_fnt = Output CMOS 4mA
I1_ft
Input TTL, five volts tolerant
I2_ft
Input 1 TTL + pull up, five volts tolerant
I3_ft
Input 2 TTL + hysteresis, five volts tolerant
I4_ft
Input 3 TTL + hysteresis +pull up, five volts tolerant.
I5_ft
Input 4 TTL + hysteresis +pull down, five volts tolerant
O3_ft
Output TTL 3 mA, five volts tolerant
O3T_ft
Output TTL 3 mA, Tristate, five volts tolerant
O6_ft
Output TTL 6mA, five volts tolerant
O6D_ft
Output TTL 6mA,Open Drain, five volts tolerant
O6DT_ft
Output TTL 6mA,Open Drain or Tristate. (Programmable pin), five volts tolerant
O4_fnt
Output CMOS 4mA, five volts not tolerant
O8T_fnt
Output CMOS 8mA, Tristate, five volts not tolerant
I/O6_ft
Input TTL/ Output TTL 6 mA five volts tolerant
I/O8_fnt
Input TTL/Output CMOS 8mA, five volts not tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com