Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 28Page - STMicroelectronics STLC5466 Datasheet HTML 29Page - STMicroelectronics STLC5466 Datasheet HTML 30Page - STMicroelectronics STLC5466 Datasheet HTML 31Page - STMicroelectronics STLC5466 Datasheet HTML 32Page - STMicroelectronics STLC5466 Datasheet HTML 33Page - STMicroelectronics STLC5466 Datasheet HTML 34Page - STMicroelectronics STLC5466 Datasheet HTML 35Page - STMicroelectronics STLC5466 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 130 page
background image
STLC5466
32/130
TSV
: Time Stamping Validated
TSV = 1, the time stamping counter becomes a free binary counter and counts down from
65535 to 0 in step of 250 microseconds (Total = 16384ms). So if an event occurs when the
counter indicates A and if the next event occurs when the counter indicates B then:
t = (A-B) x 250 microseconds is the time which has passed between the two events which have
been stored in memory by the Interrupt Controller (for Rx C/I and Rx MON CHANNEL only).
TSV = 0, the counter becomes a decimal counter.The Timer Register and this decimal counter
constitute a Watch Dog or a Timer.
EVM
: EXTERNAL VCXO MODE
EVM=1,VCXO Synchronization Counter is divided by 32.
EVM=0,VCXO Synchronization Counter is divided by 30.
D7
: First HDLC controller connected to MATRIX
D7 = 1, the first transmit HDLC controller is connected to matrix input 7, the DIN7 signal is ig-
nored.
D7 = 0, the DIN7 signal is taken into account by the matrix, the first transmit HDLC controller is
ignored by the matrix.
SYN0/1 : SYNCHRONIZATION
SYN0/1: these two bits define the signal applied on FRAMEA/B inputs.
HCL
: HIGH BIT CLOCK
This bit defines the signal applied on CLOCKA/B inputs.
HCL = 1, bit clock signal is at 8192kHz (or 6144kHz)
HCL= 0, bit clock signal is at 4096kHz (or 3072kHz)
CSD
: Clock Supervision Deactivation
CSD = 1, the lack of selected clock is not seen by the microprocessor; INT1 is masked.
CSD = 0, when the selected clock disappears the INT1 pin goes to 5V, 250ms after this
disappearance.
SELB
: SELECT B
SELB = 1, FRAME B and CLOCK B must be selected.
SELB = 0, FRAME A and CLOCK A must be selected.
BSEL
: B SELECTED (this bit is read only)
BSEL = 1, FRAME B and CLOCK B are selected.
BSEL = 0, FRAME A and CLOCK A are selected.
SCL
: Single Clock
This bit defines the signal delivered by DCLK output pin.
CLOCKA/B inputs at 4096kHz or 8192kHz
SCL = 1, Data Clock is at 2048kHz.
SCL = 0, Data Clock is at 4096kHz.
CLOCKA/B inputs at 3072kHz or 6144kHz
SCL = 1, Data Clock is at 1536kHz.
SCL = 0, Data Clock is at 3072kHz.
SYN1
SYN0
Signal applied on FRAMEA/B inputs
0
0
SY Interface
0
1
GCI Interface (the signal defines the first bit of the frame)
1
0
Vstar Interface (the signal defines third bit of the frame)
1
1
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com