Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 47Page - STMicroelectronics STLC5466 Datasheet HTML 48Page - STMicroelectronics STLC5466 Datasheet HTML 49Page - STMicroelectronics STLC5466 Datasheet HTML 50Page - STMicroelectronics STLC5466 Datasheet HTML 51Page - STMicroelectronics STLC5466 Datasheet HTML 52Page - STMicroelectronics STLC5466 Datasheet HTML 53Page - STMicroelectronics STLC5466 Datasheet HTML 54Page - STMicroelectronics STLC5466 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 130 page
background image
51/130
STLC5466
VI.17 - Fill Character Register 1
FCR1 (20)H
VI.18 - GCI Channels Definition Register 0
GCIR0 (22)H
The definitions of x and y indices are the same for GCIR0, GCIR1, GCIR2, GCIR3:
0 ≤ x ≤ 7, 1 of 8 GCI CHANNELS belonging to the same multiplex TDM4 or TDM5
– y = 0, TDM4 is selected
– y = 1, TDM5 is selected.
VI.19 - GCI Channels Definition Register 1
GCIR1 (24)H
For definition see GCI Channels Definition Register above.
bit15
bit8
bit7
bit0
r
e
s
e
r
v
e
d
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
After reset (0000)H
FC0/7
: FILL CHARACTER (eight bits)
In Transparent Mode M1, two messages are separated by FILL CHARACTERS and the de-
tection of one FILL CHARACTER marks the end of a message.
bit15
bit8
bit7
bit0
ANA11 VCI11 V*11 VM11 ANA10 VCI10 V*10 VM10 ANA01 VCI01 V*01 VM01 ANA00 VCI00 V*00 VM00
TDM5
TDM4
TDM5
TDM4
GCI CHANNEL 1
GCI CHANNEL 0
After reset (0000)H
VMxy
: VALIDATION of MONITOR CHANNELx, MULTIPLEX y:
When this bit is at 1, monitor channel xy is validated.
When this bit is at 0, monitor channel xy is not validated.
On line to reset (if necessary) one MON channel which had been selected previously VMxy
must be put at 0 during 125
µs before reselecting this channel. Deselecting one MON channel
during 125
µs resets this MON channel.
V*xy
: VALIDATION of V Star x, MULTIPLEX y
When this bit is at 1, V Star protocol is validated if VMxy=1.
When this bit is at 0, GCI Monitor protocol is validated if VMxy=1.
VCxy
: VALIDATION of Command/Indicate CHANNEL x, MULTIPLEXy
When this bit is at 1, Command/Indicate channel xy is validated.
When this bit is at 0, Command/Indicate channel xy is not validated.
It is necessary to let VCxy at “0” during 125
µs to initiate the Command/Indicate channel.
ANAxy : ANALOG APPLICATION
When this bit is at 1, Primitive has 6 bits if C/Ixy is validated.
When this bit is at 0, Primitive has 4 bits if C/Ixy is validated.
bit15
bit8
bit7
bit0
ANA31 VCI31 V*31 VM31 ANA30 VCI30 V*30 VM30 ANA21 VCI21 V*21 VM21 ANA20 VCI20 V*20 VM20
TDM5
TDM4
TDM5
TDM4
GCI CHANNEL 3
GCI CHANNEL 4
After reset (0000)H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com