Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 48Page - STMicroelectronics STLC5466 Datasheet HTML 49Page - STMicroelectronics STLC5466 Datasheet HTML 50Page - STMicroelectronics STLC5466 Datasheet HTML 51Page - STMicroelectronics STLC5466 Datasheet HTML 52Page - STMicroelectronics STLC5466 Datasheet HTML 53Page - STMicroelectronics STLC5466 Datasheet HTML 54Page - STMicroelectronics STLC5466 Datasheet HTML 55Page - STMicroelectronics STLC5466 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 130 page
background image
STLC5466
52/130
VI.20 - GCI Channels Definition Register 2
GCIR2 (26)H
For definition see GCI Channels Definition Register above.
VI.21 - GCI Channels Definition Register 3
GCIR3 (28)H
For definition see GCI Channels Definition Register above.
VI.22 - Transmit Command / Indicate Register
TCIR (2A)H
When this register is written by the microprocessor, these different bits mean:
bit15
bit8
bit7
bit0
ANA51 VCI51 V*51 VM51 ANA50 VCI50 V*50 VM50 ANA41 VCI41 V*41 VM41 ANA40 VCI40 V*40 VM40
TDM5
TDM4
TDM5
TDM4
GCI CHANNEL 5
GCI CHANNEL 6
After reset (0000)H
bit15
bit8
bit7
bit0
ANA71 VCI71 V*71 VM71 ANA70 VCI70 V*70 VM70 ANA61 VCI61 V*61 VM61 ANA60 VCI60 V*60 VM60
TDM5
TDM4
TDM5
TDM4
GCI CHANNEL 7
GCI CHANNEL 8
After reset (0000)H
bit15
bit8
bit7
bit0
D
G0
CA2
CA1
CA0
READ
0
0
Nu
Nu
C6/A
C5/E C4/S1 C3S2 C2S3 C1S4
After reset (00FF)H
READ
: READ C/I MEMORY
READ = 1, READ C/I MEMORY.
READ = 0, WRITE C/I MEMORY.
CA 0/2 : TRANSMIT COMMAND/INDICATE MEMORY ADDRESS
CA0/2: These bits define one of eight Command/Indicate Channels.
G0
: This bit defines one of two GCI multiplexes.
G0 = 0, TDM4 is selected.
G0 = 1, TDM5 is selected.
C6/1
: New Primitive to be transmitted
C6 is transmitted first if ANA = 1.
C4 is transmitted first if ANA = 0.
D
: Destination; this bit defines the destination of bit 0 to 5.
D=0: the primitive C6 to C1 is transmitted directly into GCI channel defined by G0 and CA 0/2
D=1: the 6 bit word A, E, S1, S2, S3, S4 is put instead of the six bits received latest during the
timeslot 4n+3 (GCI channel defined by G0 and CA 0/2) and transmitted into any selected out-
put timeslot after switching.
bit15
bit8
bit7
bit0
D=0
G0
CA2
CA1
CA0
READ
0
0
NuNuC6C5C4C3C2C1
D=1
G0
CA2
CA1
CA0
READ
0
0
A
E
S1
S2
S3
S4
C6/1
: New Primitive to be transmitted to the selected GCI channel (DOUT4 or DOUT5)
A, E,
S1 to S4
:
New 6 bit word to be transmitted into any output timeslot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com