Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 59Page - STMicroelectronics STLC5466 Datasheet HTML 60Page - STMicroelectronics STLC5466 Datasheet HTML 61Page - STMicroelectronics STLC5466 Datasheet HTML 62Page - STMicroelectronics STLC5466 Datasheet HTML 63Page - STMicroelectronics STLC5466 Datasheet HTML 64Page - STMicroelectronics STLC5466 Datasheet HTML 65Page - STMicroelectronics STLC5466 Datasheet HTML 66Page - STMicroelectronics STLC5466 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 130 page
background image
63/130
STLC5466
VI.37 - HDLC Transmit Command Register 2
HTCR2 (58)H
V9
: VALIDATION SUBCHANNEL
V 9 = 1, each V1/8 bit is taken into account once every 250
µs.
In transmit direction, data is transmitted consecutively during the time slot of the current frame
and during the same time slot of the next frame.Id est.: the same data is transmitted in two con-
secutive frames.
In receive direction, HDLC controller fetches data during the time slot of the current frame and
ignores data during the same time slot of the next frame.
V 9 = 0, each V1/8 bit is taken into account once every 125
µs.
V10
: DIRECT MHDLC ACCESS
If V10 = 1, the Rx HDLC Controller 2 receives data issued from DIN9 input during the current
time slot (bits validated by V1/8) and DOUT7 output transmits data issued from the Tx HDLC
Controller 2.
If V10 = 0, the Rx HDLC Controller2 receives data issued from the matrix output 6 during the
current time slot; DOUT7 output delivers data issued from the matrix output 7 during the same
current time slot.
N.B: If D6 = 1, bit of General Configuration Register GCR2, the Tx HDLC controller 2 is con-
nected to matrix input 6 continuously so the HDLC frames can be sent to any DOUT
(i.e. DOUT0 to DOUT7) from the TX HDLC Controller2.
V11
: VALIDATION of CB2 pin
This bit is not taken into account if CSMA = 1 (HDLC Transmit Command Register 2).
if CSMA = 0:
V11 = 1, Contention Bus 2 pin is validated and Echo 2 pin (which is an input) is not taken into
account.
V11 = 0, Contention Bus 2 pin is high impedance during the current time slot (This pin is an
open drain output).
bit15
bit8
bit7
bit0
CH4
CH3
CH2
CH1
CH0 READ
Nu
CF
PEN CSMA NCRC
F
P1
P0
C1
C0
After reset (0000)H
READ : READ COMMAND MEMORY
READ = 1, READ COMMAND MEMORY.
READ = 0, WRITE COMMAND MEMORY.
CH0/4 : These five bits define one of 32 channels of the second 32 HDLC controller named HDLC 2
connected to input6/output6 of the switching matrix.
C1/C0 : COMMAND BITS
C1
C0
Command Bits
0
0
ABORT; if this command occurs during the current frame, HDLC Controller transmits seven
“1” immediately, afterwards HDLC Controller transmits “1” or flag in accordance with F bit,
generates an interrupt and waits new command such as START or CONTINUE.
If this command occurs after transmitting a frame, HDLC Controller generates an interrupt
and waits a new command such as START or CONTINUE.
0
1
START; Tx DMA Controller is now going to transfer first frame from buffer related to initial de-
scriptor. The initial descriptor address is provided by the Initiate Block located in external
memory.
1
0
CONTINUE; Tx DMA Controller is now going to transfer next frame from buffer related to next
descriptor. The next descriptor address is provided by the previous descriptor from which the
related frame had been already transmitted.
1
1
HALT; after transmitting frame, HDLC Controller transmits “1” or flag in accordance with F bit,
generates an interrupt and is waiting new command such as START or CONTINUE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com