Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 42Page - STMicroelectronics STLC5466 Datasheet HTML 43Page - STMicroelectronics STLC5466 Datasheet HTML 44Page - STMicroelectronics STLC5466 Datasheet HTML 45Page - STMicroelectronics STLC5466 Datasheet HTML 46Page - STMicroelectronics STLC5466 Datasheet HTML 47Page - STMicroelectronics STLC5466 Datasheet HTML 48Page - STMicroelectronics STLC5466 Datasheet HTML 49Page - STMicroelectronics STLC5466 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 130 page
background image
STLC5466
46/130
VI.13 - HDLC Transmit Command Register 1
HTCR1 (18)H
V9
: VALIDATION SUBCHANNEL
V 9 = 1, each V1/8 bit is taken into account once every 250
µs.
In transmit direction, data is transmitted consecutively during the time slot of the current frame
and during the same time slot of the next frame.Id est.: the same data is transmitted in two con-
secutive frames.
In receive direction, HDLC controller fetches data during the time slot of the current frame and
ignores data during the same time slot of the next frame.
V 9 = 0, each V1/8 bit is taken into account once every 125
µs.
V10
: DIRECT MHDLC ACCESS
If V10 = 1, the Rx HDLC Controller 1 receives data issued from DIN8 input during the current
time slot (bits validated by V1/8) and DOUT6 output transmits data issued from the Tx HDLC
Controller.
If V10 = 0, the Rx HDLC Controller1 receives data issued from the matrix output 7 during the
current time slot; DOUT6 output delivers data issued from the matrix output 6 during the same
current time slot.
N.B: If D7 = 1, bit of General Configuration Register GCR1 the Tx HDLC controller1 is connect-
ed to matrix input 7 continuously so the HDLC frames can be sent to any DOUT (i.e. DOUT0
to DOUT7).
V11
: VALIDATION of CB pin
This bit is not taken into account if CSMA = 1 (HDLC Transmit Command Register).
if CSMA = 0:
V11 = 1, Contention 1 Bus pin is validated and Echo 1 pin (which is an input) is not taken into
account.
V11 = 0, Contention Bus pin is high impedance during the current time slot (This pin is an open
drain output).
bit15
bit8
bit7
bit0
CH4
CH3
CH2
CH1
CH0 READ
Nu
CF
PEN CSMA NCRC
F
P1
P0
C1
C0
After reset (0000)H
READ : READ COMMAND MEMORY
READ = 1, READ COMMAND MEMORY.
READ = 0, WRITE COMMAND MEMORY.
CH0/4 : These five bits define one of 32 channels.
C1/C0 : COMMAND BITS
C1
C0
Command Bits written by the microprocessor
0
0
ABORT; if this command occurs during the current frame, HDLC Controller transmits seven
“1” immediately, afterwards HDLC Controller transmits “1” or flag in accordance with F bit,
generates an interrupt and waits new command such as START or CONTINUE.
If this command occurs after transmitting a frame, HDLC Controller generates an interrupt
and waits a new command such as START or CONTINUE.
0
1
START; Tx DMA Controller is now going to transfer first frame from buffer related to initial de-
scriptor. The initial descriptor address is provided by the Initiate Block located in external
memory.
1
0
CONTINUE; Tx DMA Controller is now going to transfer next frame from buffer related to next
descriptor. The next descriptor address is provided by the previous descriptor from which the
related frame had been already transmitted.
1
1
HALT; after transmitting frame, HDLC Controller transmits “1” or flag in accordance with F bit,
generates an interrupt and is waiting new command such as START or CONTINUE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com