Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 46Page - STMicroelectronics STLC5466 Datasheet HTML 47Page - STMicroelectronics STLC5466 Datasheet HTML 48Page - STMicroelectronics STLC5466 Datasheet HTML 49Page - STMicroelectronics STLC5466 Datasheet HTML 50Page - STMicroelectronics STLC5466 Datasheet HTML 51Page - STMicroelectronics STLC5466 Datasheet HTML 52Page - STMicroelectronics STLC5466 Datasheet HTML 53Page - STMicroelectronics STLC5466 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 130 page
background image
STLC5466
50/130
VI.15 - Address Field Recognition Address Register 1
AFRAR1 (1C)H
The write operation is launched when AFRAR is written by the microprocessor.
VI.16 - Address Field Recognition Data Register 1
AFRDR1 (1E)H
1
0
1
0
The value of the first received byte must be equal to all “1”s and the value of the
second received byte must be equal to “1” also.
1
0
1
1
The value of the first received byte must be equal either to that of AF0/7 or to “1”
and the value of the second received byte must be equal to all “1”s.
1
1
0
0
The value of the second received byte must be equal either to that of AF8/15 or
to all “1”s.
1
1
0
1
The value of the first received byte must be equal to that of AF0/7 bits and the
value of the second received byte must be equal either to that of AF8/15 or to all
“1”s.
1
1
1
0
The value of the first received byte must be equal to “1” and the value of the sec-
ond received byte must be equal either to that of AF8/15 or to all “1”s.
1
1
1
1
The value of the first received byte must be equal either to that of AF0/7 or to “1”
and the value of the second received byte must be equal either to that of AF8/15
or to all “1”s.
bit15
bit8
bit7
bit0
CH4
CH3
CH2
CH1
CHO READ AMM
Nu
r
e
s
e
r
v
e
d
After reset (0000)H
AMM : Access to Mask Memory
AMM=1, Access to Address Field Recognition Mask Memory.
AMM=0, Access to Address Field Recognition Memory.
READ : READ ADDRESS FIELD RECOGNITION MEMORY
READ=1, READ AFR MEMORY.
READ=0, WRITE AFR MEMORY.
CH0/4 : These five bits define one of 32 channels in reception
bit15
bit8
bit7
bit0
AF15/
AFM15
AF14/
AFM14
AF13/
AFM13
AF12/
AFM12
AF11/
AFM11
AF10/
AFM10
AF9/
AFM9
AF8/
AFM8
AF7/
AFM7
AF6/
AFM6
AF5/
AFM5
AF4/
AFM4
AF3/
AFM3
AF2/
AFM2
AF1/
AFM1
AF0/
AFM0
After reset (0000)H
AF0/15 : ADDRESS FIELD BITS
AF0/7; First byte received; AF8/15: Second byte received.
These two bytes are stored into Address Field Recognition Memory when AFRAR1 is written
by the microprocessor.
AFM0/
15
:
ADDRESS FIELD BIT MASK0/15 if AMM=1 (AMM bit of AFRAR1)
AMF0/7. When AR10=1 (See HRCR1) each bit of the first received byte is compared respectively to AFx
bit if AFMx=0. In case of mismatching, the received frame is ignored. If AFMx=1, no comparison between
AFx and the corresponding received bit.
AMF8/15. When AR20=1 (See HRCR1) each bit of the second received byte is compared respectively to
AFy bit if AFMy=0. In case of mismatching, the received frame is ignored. If AFMy=1, no comparison be-
tween AFy and the corresponding received bit.
These two bytes are stored into Address Field Recognition Mask Memory when AFRAR 1 is written by
the microprocessor (AMM=1).
Second Byte
First Byte
Conditions to Receive a Frame
AR21
AR20
AR11
AR10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com