Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 13Page - STMicroelectronics STLC5466 Datasheet HTML 14Page - STMicroelectronics STLC5466 Datasheet HTML 15Page - STMicroelectronics STLC5466 Datasheet HTML 16Page - STMicroelectronics STLC5466 Datasheet HTML 17Page - STMicroelectronics STLC5466 Datasheet HTML 18Page - STMicroelectronics STLC5466 Datasheet HTML 19Page - STMicroelectronics STLC5466 Datasheet HTML 20Page - STMicroelectronics STLC5466 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 130 page
background image
17/130
STLC5466
– BIT STUFFING AND UNSTUFFING
This operation is done to avoid the confusion of
a data byte with a flag.
In transmission, if five consecutive 1’s appear in
the serial stream being transmitted, a zero is au-
tomatically inserted (bit stuffing) after the fifth
“1”.
In reception, if five consecutive “1” followed by a
zero are received, the “0” is assumed to have
been inserted and is automatically deleted (bit
unstuffing).
– FRAME CHECK SEQUENCE
The Frame Check Sequence is calculated ac-
cording to the recommendation Q921 of the
CCITT.
– ADDRESS RECOGNITION
In the frame, one or two bytes are transmitted to
indicate the destination of the message. Two
types of addresses are possible:
- a specific destination address
- a broadcast address.
In reception, the controller compares the receive
addresses to internal registers, which contain
the address message. 4 bits in the receive com-
mand register (HRCR) inform the receiver of
which registers, it has to take into account for the
comparison. The receiver compares the two ad-
dress bytes of the message to the specific board
address and the broadcast address. Upon an
address match, the address and the data follow-
ing are written to the data buffers; upon an ad-
dress mismatch, the frame is ignored. So, it
authorizes the filtering of the messages. If no
comparison is specified, each frame is received
whatever its address field.
In Transmission, the controller sends the frame
including the destination or broadcast address-
es.
III.2.2 - CSMA/CR Capability
An HDLC channel can come in and go out by any
TDM input on the matrix.
For time constraints, direct HDLC Access is
achieved by the input TDM (DIN 8 for the first
HDLC controller and DIN9 for the second HDLC
controller) and the output TDM (DOUT6 for the
first and DOUT7 for the second HDLC controller).
In transmission, a time slot of a TDM can be
shared between different sources in Multi-point to
point configuration (different subscriber’s boards
for example). The arbitration system is the CSMA/
CR (Carrier Sense Multiple access with Conten-
tion Resolution).
The contention is resolved by a bus connected to
the CB1 pin (Contention Bus) for the first HDLC
controller and CB2 pin for the second HDLC con-
troller. These two bus are respectively a 2Mbit/s
wire line common to all the potential sources.
If the first HDLC controller (or the second) has ob-
tained the access to the bus, the data to transmit
is sent simultaneously on the CB1 line (or the CB2
line) and the output TDM. The result of the conten-
tion is read back on the Echo line (EC1or EC2). If
a collision is detected, the transmission is stopped
immediately. A contention on a bit basis is so
achieved. Each message to be sent with CSMA/
CR has a priority class (PRI = 8, 10) indicated by
the Transmit Descriptor and some rules are imple-
mented to arbitrate the access to the line. The
CSMA/CR Algorithm is given. When a request to
send a message occurs, the transmitter deter-
mines if the shared channel is free. The
Multi-
HDLC listens to the Echo line. If C or more consec-
utive “1” are detected (C depending on the mes-
sage’s priority), the Multi-HDLC begins to send its
message. Each bit sent is sampled back and com-
pared with the original value to send. If a bit is dif-
ferent,
the
transmission
is
instantaneously
stopped (before the end of this bit time) and will re-
start as soon as the Multi-HDLC will detect that the
channel is free without interrupting the microproc-
essor.
After a successful transmission of a message, a
programmable penalty PEN(1 or 2) is applied to
the transmitter. It guarantees that the same trans-
mitter will not take the bus another time before a
transmitter which has to send a message of same
priority.
In case of a collision, the frame which has been
aborted is automatically retransmitted by the DMA
controller without warning the microprocessor of
this collision. The frame can be located in several
buffers in external memory. The collision can be
detected from the second bit of the opening frame
to the last but one bit of the closing frame.
III.2.3 - Time Slot Assigner Memory
Each HDLC channel is bidirectional and is defined
by two Time Slot Assigners (TSA).
TSA is a memory of 32 words (one per physical
Time Slot) where all of the 32 input and output time
slots of the HDLC controllers can be associated to
logical HDLC channels. Super channels are creat-
ed by assigning the same logical channel number
to several physical time slots.
The following features are programmed for each
HDLC time slot:
– Time slot used or not
– One logical channel number
– Its source:
- DIN 8 or the output 7 of the matrix for the first
Time Slot Assigner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com