Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 68Page - STMicroelectronics STLC5466 Datasheet HTML 69Page - STMicroelectronics STLC5466 Datasheet HTML 70Page - STMicroelectronics STLC5466 Datasheet HTML 71Page - STMicroelectronics STLC5466 Datasheet HTML 72Page - STMicroelectronics STLC5466 Datasheet HTML 73Page - STMicroelectronics STLC5466 Datasheet HTML 74Page - STMicroelectronics STLC5466 Datasheet HTML 75Page - STMicroelectronics STLC5466 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 130 page
background image
STLC5466
72/130
VII.2 - Receive Descriptor
This receive descriptor is located in shared memory. The quantity of descriptors is limited by the memory
size only.
The 5 first words located in shared memory to RDA+00 from RDA+08 are written by the microprocessor
and read by the DMAC only. The 6th word located in shared memory in RDA+10 is written by the DMAC
only during the frame reception and read by the microprocessor.
VII.2.1 - Bits written by the Microprocessor only
VII.2.2 - Bits written by the Rx DMAC only
15
14
13
12
11
10
9876543210
RDA+00
SIM
IBC
EOQ
Size Of the Buffer (SOB)
0
RDA+02
Not used
RBA High (8 bits)
RDA+04
Receive Buffer Address Low (16 bits)
RDA+06
Not used
NRDA High (8 bits)
RDA+08
Next Receive Descriptor Address Low (16 bits)
RDA+10
FR
ABT
OVF
FCR
C
Number of Bytes Received (NBR)
SOB
: Size Of the Buffer associated to descriptor. These 12bits allows to reach 4096 bytes).
If SOB = 0, DMAC goes to next descriptor.
RBA
: Receive Buffer Address. LSB of RBA Low is at Zero mandatory.
RDA
: Receive Descriptor Address.
NRDA : Next Receive Descriptor Address. LSB of NRDA Low is at Zero mandatory.
NBR
: Number of Bytes Received (up to 4096).
IBC
: Interrupt if the buffer has been completed.
IBC=1, the DMAC generates an interrupt if the buffer has been completed.
EOQ
: End Of Queue.
EOQ=1, the DMAC stops immediately its reception generates an interrupt (HDLC = 1 in IR) and
waits a command from the HRCR (HDLC Receive Command Register).
EOQ=0, the DMAC continues.
SIM
:
Signal Interrupt Mask
SIM=1, when an event occurs the RX DMAC thanks to Interrupt controller stores the features of
this event in the HDLC Interrupt Queue but the Interrupt Register is not written. So there is no
interrupt signal on INT0 pin.
SIM=0, when an event occurs the RX DMAC thanks to Interrupt controller stores the features of
this event in the Interrupt Queue and the HDLC bit of the Interrupt Register is put at “1”. So INT0
pin goes to Vcc if HDLC bit is not masked.
FR
ABT
OVF
FCRC
Definition
1
0
0
0
The frame has been received without error. The end of frame is in this buffer.
1
0
0
1
The frame has been received with false CRC.
0
0
0
0
If NBR is different to 0, the buffer related to this descriptor is completed.The end
of frame is not in this buffer.
0
0
0
0
If NBR is equal to 0, the Rx DMAC is receiving a frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com