Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 5Page - STMicroelectronics STLC5466 Datasheet HTML 6Page - STMicroelectronics STLC5466 Datasheet HTML 7Page - STMicroelectronics STLC5466 Datasheet HTML 8Page - STMicroelectronics STLC5466 Datasheet HTML 9Page - STMicroelectronics STLC5466 Datasheet HTML 10Page - STMicroelectronics STLC5466 Datasheet HTML 11Page - STMicroelectronics STLC5466 Datasheet HTML 12Page - STMicroelectronics STLC5466 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
9/130
STLC5466
41
NDIS/NCS2
I3_ft
If 386EX interface is not selected: DOUT 0/7 Not Disable. When this pin is at
0V, the Data Output 0/7 are at high impedance. Wired at VDD if not used.
If 386EX interface is selected: NCS2 (Chip Select 2) equivalent to NCS1.
Chip Select 2: external memory is selected
During Chip select (NCS2=0), the output Ready (pin 59) is low impedance and
outside Chip select (NCS2=1), the output Ready is high impedance.
7
CB1
O6D_ft
Contention Bus (CSMA/CR) for 1st 32 HDLC Controller
8
EC1
I3_ft
Echo for 1st 32 HDLC Controller. Wired at VSS if not used.
128
CB2
O6D_ft
Contention Bus (CSMA/CR) for 2nd 32 HDLC Controller
130
EC2
I3_ft
Echo for 2nd 32 HDLC Controller. Wired at VSS if not used.
BOUDARY SCAN
42
NTRST
I4_ft
Reset for boundary scan
47
TMS
I2_ft
Mode Selection for boundary scan
48
TDI
I2_ft
Input Data for boundary scan
49
TDO
O3T_ft
Output Data for boundary scan
50
TCK
I4_ft
Clock for boundary scan
MICROPROCESSOR INTERFACE
64
MOD0
I1_ft
1
1
0
0
1
1
0
0
65
MOD1
I1_ft
1
1
0
0
0
0
1
1
66
MOD2
I1_ft
0
1
1
0
01
10
80C188 80C186 68000
68020
ST9
ST10 m
ST10Nm
386EX
3
NRESET
I3_ft
Circuit Reset
53
NCS0
I3_ft
Chip Select 0: internal registers are selected
54
NCS1
I3_ft
Chip Select 1: external memory is selected
During Chip select (NCS1=0), the output Ready (pin 59) is low impedance and
outside Chip select (NCS1=1), the output Ready is high impedance.
55
INT0
O3_ft
Interrupt generated by HDLC, RxC/I or RxMON. Active high.
56
INT1
O3_ft
Interrupt1.This pin goes to 5V when the selected clock A (or B) has disap-
peared; 250
µs after reset this pin goes to 5V also if clock A is not present.
6
WDO
O3_ft
Watch Dog Output.This pin goes to 5V during 250
µs when the microprocessor
has not reset the Watch Dog during the programmable time.
57
SIZE0/NLDS/NLBA
I3_ft
Transfer Size0 (68020)/Lower Data Stobe/Local Bus Access# when 386EX
58
SIZE1/NBHE/NUDS
I3_ft
Transfer Size1(68020)/Bus High Enable (Intel) / Upper Data Strobe (68000)
59
NDSACK0/
NDTACK/
NREADY
O6T_ft/
O6T_ft/
O6D_ft
Data Strobe, Acknowledge and Size0 (68020)/
Data Transfer Acknowledge (68000 and ST10)/
READY# (386EX)
60
NDSACK1/
READY
O6T_ft
O6T_ft
Data Strobe, Acknowledge and Size1 (68020)/
Data Transfer Acknowledge (Intel)
61
NAS/
ALE/NADS
I3_ft
Address Strobe(Motorola) /
Address Latch Enable(Intel) / Address Status 386EX
62
R/W / NWR
I3_ft
Read/Write (Motorola) / Write(Intel)
Pin N°
Symbol
Type
Function
Type
ft: five volts tolerant
fnt: five volts not tolerant
TTL
I1_ft = Input TTL
I2_ft = I1_ft+pull up
I3_ft = I1_ft+hysteresis
I4_ft = I3_ft+pull up
TTL
I/O6 _ft = Input TTL/ Output TTL 6 mA
I5_ft = I3_ft+pull down;
TTL
O3 _ft = Output TTL 3 mA
O3T_ft = O3_ft+Tristate
O6_ft = Output TTL 6mA
TTL
O6D_ft = Output TTL 6mA, Open Drain
O6DT_ft = Output TTL 6mA, Open Drain or Tristate
CMOS
I/O8_fnt = Input TTL, /Output CMOS 8mA;
O8T_fnt = Output CMOS
8mA
I/O8_fnt = Input TTL, /Output CMOS
8mA
CMOS
O4_fnt = Output CMOS 4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com