Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 112Page - STMicroelectronics STLC5466 Datasheet HTML 113Page - STMicroelectronics STLC5466 Datasheet HTML 114Page - STMicroelectronics STLC5466 Datasheet HTML 115Page - STMicroelectronics STLC5466 Datasheet HTML 116Page - STMicroelectronics STLC5466 Datasheet HTML 117Page - STMicroelectronics STLC5466 Datasheet HTML 118Page - STMicroelectronics STLC5466 Datasheet HTML 119Page - STMicroelectronics STLC5466 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 130 page
background image
STLC5466
116/130
Figure 4-6: ST10 (C16x) write cycle; demultiplexed A/D
tx
Parameter
T min
T max
Unit
t1
Delay NOT READY / NWR (if NCS0/1=0), (30 pF)
Delay when immediate access
0
98
ns
ns
t2
Hold time Chip Select / NWR
10
ns
t3
Delay NOT READY / NWR rising edge
Delay when immediate access
0
98
ns
ns
t4
Width ALE
20
ns
t7
Set up time Data /NWR
-15
ns
t8
Hold time Data /NWR
15
ns
t9
Set up time NBHE, Address AD0/15, A16/23 /ALE
5
ns
t10
Hold time NBHE, Address AD0/15, A16/23 /NWR
10
ns
t12
Delay NWR / NCS
0
ns
tx
Parameter
T min
T max
Unit
t1
Delay NOT READY / NWR (if NCS0/1=0), (30 pF)
Delay when immediate access
030
ns
NCS0/1
NDSACK0/
DTACK//
NREADY
NAS /
ALE
NDS /
NRD
D0/15
R/W /
NWR
A0/15
/ AD0/15
A16/23 NBHE
t2
t4
t7
t8
t12
t9
t10
t3
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com