Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 122 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 118Page - STMicroelectronics STLC5466 Datasheet HTML 119Page - STMicroelectronics STLC5466 Datasheet HTML 120Page - STMicroelectronics STLC5466 Datasheet HTML 121Page - STMicroelectronics STLC5466 Datasheet HTML 122Page - STMicroelectronics STLC5466 Datasheet HTML 123Page - STMicroelectronics STLC5466 Datasheet HTML 124Page - STMicroelectronics STLC5466 Datasheet HTML 125Page - STMicroelectronics STLC5466 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 130 page
background image
STLC5466
122/130
Figure 4-12: 386EX write cycle (LBA# at Vdd)
LBA#, Ready# signals delivered by EX386 and NRDY deliverd by the MHDLC
tx
Parameter
min
max
Unit
ts
Set up time/MCLK rising edge for CLKOUT, ALE, Addresses,
WRNRD, NCS0/2
6ns
th
Hold time / MCLK rising edge for CLKOUT, WRNRD, NCS0/1/2
2
ns
tdd
Data out delay time / MCLK rising edge (50 pF)
-
20
ns
tdh
Data out Hold time / MCLK rising edge (50 pF)
4
ns
tdz
Data floating delay / MCLK rising edge
4
15
ns
ty
Delay NRDY low / MCLK rising edge (50 pF)
4
20
ns
tyz
NRDY Delay floating / MCLK rising edge (50 pF)
4
10
ns
MCLK
NDS/NRD/
CLKOUT
NAS/
ALE
A1/23
A0/
NBLE
SIZE1/
NBHE /NUDS
1) No wait state case
R/W /NWR/
WRNRD
NCS0/1/2
Din 0/15
NDSACK0/
NDTACK/
NRDY
2) Wait state case
NCS0/1/2
Din0/15
NDSACK0/
NDTACK/
NRDY
cycle 1
cycle 2
ts
th
ts
th
ts
th
tds
ty
ts
ts
th
tdh
tyz
n Twait
ty
tyz
th
ts
Stable
tds
tdh
Stable
EX386
Ready#
LBA#
MHDLC
NRDY (pin 59)
NLBA (pin 57)
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com