Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 49Page - STMicroelectronics STV3550 Datasheet HTML 50Page - STMicroelectronics STV3550 Datasheet HTML 51Page - STMicroelectronics STV3550 Datasheet HTML 52Page - STMicroelectronics STV3550 Datasheet HTML 53Page - STMicroelectronics STV3550 Datasheet HTML 54Page - STMicroelectronics STV3550 Datasheet HTML 55Page - STMicroelectronics STV3550 Datasheet HTML 56Page - STMicroelectronics STV3550 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 144 page
background image
STV3550
53/144
4.4
Picture Compositor
The Picture Compositor is used to mix the video plane improved by the Picture Structure
Improvement (YSI/CTI) module in the Video Display pipeline, with the graphics plane from the OSD
pipeline. The Picture Compositor also includes a cursor plane and background color plane. A 256-
level Transparency mode can be used for mixing the various planes. The following figure shows a
typical configuration of the video/graphics datastream flow through the Picture Compositor.
Figure 38: Typical Configuration of Picture Compositor
Figure 39: Picture Compositor Block Diagram
2H 4:4:4 Video
RGB Out
ClkReset
Register Interface
VTG
Video Output Encoding
STBus
Picture Compositor
Mixer
+
Background
Color
OSD Pipeline
4:2:2
Video Display
Pipeline
OSD
Interface
Cursor
Module
Register
Video Plug
YCrCb to RGB
Digital to Analog
A1/8
ARGB4444
Background Color
RGB 8:8:8
Video Display Pipeline (Main)
YCbCr 4:4:4
128x128
Cursor Plane
ACLUT8
CLUT
Output (TV)
RGB 4:4:4
YCbCr 4:4:4
to RGB 4:4:4
3*10-bit
Window
Generator
OSD_ACT
nA1/8
nAlpha8
OSD Pipeline
RGB 10:10:10
3*10-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com