Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 61Page - STMicroelectronics STV3550 Datasheet HTML 62Page - STMicroelectronics STV3550 Datasheet HTML 63Page - STMicroelectronics STV3550 Datasheet HTML 64Page - STMicroelectronics STV3550 Datasheet HTML 65Page - STMicroelectronics STV3550 Datasheet HTML 66Page - STMicroelectronics STV3550 Datasheet HTML 67Page - STMicroelectronics STV3550 Datasheet HTML 68Page - STMicroelectronics STV3550 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 144 page
background image
STV3550
65/144
5.4.7
Data Clock Output
We could output the block clock with a choice of polarity and four different delays according to the
configuration register.
We could also select an output of the original clock frequency or the clock frequency divided by 2.
5.4.8
Pad Control
If a PAD is not used by the Video application a way to control its state is provided using software.
One bit register control if the PAD is in video mode or in software mode, another bit register controls
the software level for the PAD.
The PAD stays in push pull output in both cases. The software state is available only on the next
edge of the clk_dac clock. The clk_dac clock must be enabled to change the PAD state.
We are able to reconfigure the following PAD:
P_video<12:29>
dvo_de
Vsync
dvo_clk_2162
The user must take care of the consistency choice of the Digital Video Output Interface.
5.4.9
Register
We have a dedicated register interface (STbus T1).
Register
Address
Description
0x18
Pad output
0x14
Pad Control
0x10
DE Vertical control
0x0C
DE Horizontal control
0x08
Vsync control
0x04
Hsync control
0x00
block control
Dclk
clk_dac
sel_delay
sel_pol
sel_divclk
0
1
0
1
0
1
2
3
delay
delay
delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com