Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 64Page - STMicroelectronics STV3550 Datasheet HTML 65Page - STMicroelectronics STV3550 Datasheet HTML 66Page - STMicroelectronics STV3550 Datasheet HTML 67Page - STMicroelectronics STV3550 Datasheet HTML 68Page - STMicroelectronics STV3550 Datasheet HTML 69Page - STMicroelectronics STV3550 Datasheet HTML 70Page - STMicroelectronics STV3550 Datasheet HTML 71Page - STMicroelectronics STV3550 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 144 page
background image
68/144
STV3550
CPU and System Management Functional Description
All the control registers are implemented in the STV3550 Memory Interface and are accessible by
the ST20.
6.3.5
Memory Configurations
The STV3550 Memory Interface is able to support 2 hardware configurations depending on
bandwidth requirements and application constraints:
●
two separate 16-bit data word buses for Flash and SDRAM devices (low-cost STV3550
applications)
●
a single merged 32-bit data word bus shared by all memory devices for high bandwidth
requirements (high-end STV3550 applications)
The STV3550 Memory Interface has an address translator that is helpful when designing a single
board embedding both low-cost and high-end configurations without modifying the SDRAM address
bus connection on the printed circuit board.
6.3.6
Clock Management and Timing Issues
The STV3550 Memory Interface provides clock management features to:
●
control the polarity of the clock signal sent to the SDRAM
●
choose the SDRAM clock between the internal clock or a locked clock signal generated by a
Delay Locked Line (DLL)
●
provide low power control on SDRAM devices
The STV3550 Memory Interface and SDRAM operate at the same frequency (100 MHz at Full
Speed).
When operating at frequencies greater than 70 MHz, the DLL must be used to ensure the safe data
exchange between the STV3550 Memory Interface and the SDRAM device. The SDRAM clock is
included within a loop in order to better take into account the propagation time in the wires between
the STV3550 and SDRAM devices.
In order to accommodate various wire configurations, the SDRAM clock loop can be internally or
externally closed to the STV3550. When externally closed, a dedicated Clock Input pad is used.
When interfacing the STV3550 with high-speed memory devices such as SDRAM, the user may
face timing issues such as setup- and hold-time violations.The STV3550 Memory Interface is also
able to eliminate these timing problems by providing written data, strobes and addresses either on
the falling or rising edge of SDRAM clock signals.
6.3.7
STV3550 Memory Interfaces
The memory interface of the STV3550 is built around 61 lines. Certain lines have single functions,
while others support several functions depending on the memory configuration. By sharing
functions, the number of required pins is reduced, since the STV3550 is not able to access both
Flash and SDRAM devices at the same time.
Pins have been named according to their function when used in a low-cost application
configuration. There are no application-specific pins for a given memory configuration. Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com