Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 22Page - STMicroelectronics STV3550 Datasheet HTML 23Page - STMicroelectronics STV3550 Datasheet HTML 24Page - STMicroelectronics STV3550 Datasheet HTML 25Page - STMicroelectronics STV3550 Datasheet HTML 26Page - STMicroelectronics STV3550 Datasheet HTML 27Page - STMicroelectronics STV3550 Datasheet HTML 28Page - STMicroelectronics STV3550 Datasheet HTML 29Page - STMicroelectronics STV3550 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 144 page
background image
26/144
STV3550
factor is programmable from 0.25 to 4 for horizontal scaling and 0.5 to 4 for vertical scaling with an
accuracy of 1/8192. This allows for continuous linear zoom variations.
3.3.2.1 Non-Linear Zoom
The rescaling block performs the horizontal and vertical non-linear zoom as shown in Figure 9. The
picture can be divided into 5 different segments in all directions.
3.3.2.2 Letter-box Format Detection
Letter-box format detection is included in order to automatically detect the horizontal black bars
used with letter-box input video (Cinemascope,...) signals. This detection system is based on a
proprietary algorithm that measures a certain level of data on a field basis.
This function can also detect video effects such as logos or subtitles inserted in the black parts of
the video. The programmer can use this data to create an automatic format conversion for all the
various cinema formats.
3.3.2.3 Format Conversion
The horizontal and vertical polyphase filters can be also used for the format conversions required
for adapting the input video to the display format. Various examples are shown in the following
figures. All formats are software-controlled and the letter-box format detector can also be used to
automatically select the best-suited display format to prevent the horizontal black bars from being
displayed.
Figure 10: Display Formats for 4:3 Input, 4:3 Aspect Ratio and 16:9 TV Screen
H compression 33%
H compression 16.5%
V expansion 16.5%
V expansion 33%
Non-linear H (Panoramic1)
Zoom 1
Zoom 2
Zoom 3
Zoom 5
No Zoom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com