Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 10Page - STMicroelectronics STV3550 Datasheet HTML 11Page - STMicroelectronics STV3550 Datasheet HTML 12Page - STMicroelectronics STV3550 Datasheet HTML 13Page - STMicroelectronics STV3550 Datasheet HTML 14Page - STMicroelectronics STV3550 Datasheet HTML 15Page - STMicroelectronics STV3550 Datasheet HTML 16Page - STMicroelectronics STV3550 Datasheet HTML 17Page - STMicroelectronics STV3550 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
14/144
STV3550
STV3550 Pin List
16
P_VIDEO19
Digital Video Output 19
18
P_VIDEO20
Digital Video Output 20
19
P_VIDEO21
Digital Video Output 21
20
P_VIDEO22
Digital Video Output 22
21
P_VIDEO23
Digital Video Output 23
22
P_VIDEO24
Digital Video Output 24
26
P_VIDEO25
Digital Video Output 25
27
P_VIDEO26
Digital Video Output 26
28
P_VIDEO27
Digital Video Output 27
29
P_VIDEO28
Digital Video Output 28
30
P_VIDEO29
Digital Video Output 29
196
DCLK
Digital CMOS Clock
197
DE
Digital CMOS Data Enable
Table 3: Parallel Input/Output Pins
Pin No.
Pin Name
Main Function (after Reset)
Alternate Function
158
PORTA0
Port A0
PWMCapture0/PWM0
160
PORTA1
Port A1
PWMCapture1/INT2/PWM1
180
PORTA2
Port A2
PWMCapture2/INT3/extreg/PWM2
181
PORTA3
Port A3
PWMCapture3/PWM3
162
PORTA4
Port A4
UARTF TXD
164
PORTA5
Port A5
UARTF RXD/UARTF TXD Smartcard
165
PORTA6
Port A6
UARTF CTS
166
PORTA7
Port A7
UARTF RTS
188
PORTB0
Port B0
AD_0
187
PORTB1
Port B1
AD_1
186
PORTB2
Port B2
AD_2
185
PORTB3
Port B3
AD_3
184
PORTB4
Port B4
AD_4 / Timer Output 0
183
PORTB5
Port B5
AD_5/ Timer Output 1
157
PORTC0
Port C0
SDA_0
156
PORTC1
Port C1
SCL_0
155
PORTC2
Port C2
SDA_1
154
PORTC3
Port C3
SCL_1
173
PORTC4
Port C4
SDA_2
172
PORTC5
Port C5
SCL_2
171
PORTC6
Port C6
SDA_3
170
PORTC7
Port C7
SCL_3
174
PORTD0
Port D0
Timer Input 0
Table 2: Digital Video Output Stage (continued)
Pin No.
Pin Name
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com