Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 46Page - STMicroelectronics STV3550 Datasheet HTML 47Page - STMicroelectronics STV3550 Datasheet HTML 48Page - STMicroelectronics STV3550 Datasheet HTML 49Page - STMicroelectronics STV3550 Datasheet HTML 50Page - STMicroelectronics STV3550 Datasheet HTML 51Page - STMicroelectronics STV3550 Datasheet HTML 52Page - STMicroelectronics STV3550 Datasheet HTML 53Page - STMicroelectronics STV3550 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 144 page
background image
50/144
STV3550
Graphics Functional Description
There are different types of processes that must also be selected:
●
Read/Write (with or without filtered Data compression)
●
Parity Checksum
●
Simple transfer
●
Color key based transfer: data transfered if different from a specified color (i.e. background
masking)
●
Filling
●
Transfer with filtering (nibble to byte, parity check, ...)
4.3
Graphic Application Examples
In addition to the menus required for the user interface, certain graphic applications are supported
by the STV3550.
4.3.1
Teletext 1.5
●
40-character width by 26-character (12 x 10) rows
Note:
Specific font formats can be required to fit with the panel resolution.
●
8 fully-defined colors for both foreground and background planes
●
Mix mode (background color is fully-transparent to video)
Figure 35: 2D Block Move Flowchart
Width
Height
Width
Repeat
Height
Times
Memory Mapping
Width
Repeat
Height
Times
32-bit
Memory
Display Screen
Skip_
Skip_
Source
Dest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com