Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 14Page - STMicroelectronics STV3550 Datasheet HTML 15Page - STMicroelectronics STV3550 Datasheet HTML 16Page - STMicroelectronics STV3550 Datasheet HTML 17Page - STMicroelectronics STV3550 Datasheet HTML 18Page - STMicroelectronics STV3550 Datasheet HTML 19Page - STMicroelectronics STV3550 Datasheet HTML 20Page - STMicroelectronics STV3550 Datasheet HTML 21Page - STMicroelectronics STV3550 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 144 page
background image
18/144
STV3550
STV3550 Pin List
151
VDD33_IO
3.3 V Digital Voltage Supply
163
VDD33_IO
3.3 V Digital Voltage Supply
167
VDD33_IO
3.3 V Digital Voltage Supply
178
VDD33_IO
3.3 V Digital Voltage Supply
189
VDD33_IO
3.3 V Digital Voltage Supply
201
VDD33_IO
3.3 V Digital Voltage Supply
207
VDD33_IO
3.3 V Digital Voltage Supply
5
VSS_IO
Digital Ground Supply
17
VSS_IO
Digital Ground Supply
31
VSS_IO
Digital Ground Supply
43
VSS_IO
Digital Ground Supply
55
VSS_IO
Digital Ground Supply
68
VSS_IO
Digital Ground Supply
86
VSS_IO
Digital Ground Supply
105
VSS_IO
Digital Ground Supply
116
VSS_IO
Digital Ground Supply
125
VSS_IO
Digital Ground Supply
153
VSS_IO
Digital Ground Supply
168
VSS_IO
Digital Ground Supply
182
VSS_IO
Digital Ground Supply
199
VSS_IO
Digital Ground Supply
200
VSS_IO
Digital Ground Supply
23
VDD18_CORE
1.8 V Digital Voltage Supply
34
VDD18_CORE
1.8 V Digital Voltage Supply
83
VDD18_CORE
1.8 V Digital Voltage Supply
92
VDD18_CORE
1.8 V Digital Voltage Supply
117
VDD18_CORE
1.8 V Digital Voltage Supply
126
VDD18_CORE
1.8 V Digital Voltage Supply
152
VDD18_CORE
1.8 V Digital Voltage Supply
198
VDD18_CORE
1.8 V Digital Voltage Supply
24
VSS
Digital Ground Supply
33
VSS
Digital Ground Supply
84
VSS
Digital Ground Supply
93
VSS
Digital Ground Supply
Table 6: Power Supplies (continued)
Pin No.
Pin Name
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com