Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 93 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 89Page - STMicroelectronics STV3550 Datasheet HTML 90Page - STMicroelectronics STV3550 Datasheet HTML 91Page - STMicroelectronics STV3550 Datasheet HTML 92Page - STMicroelectronics STV3550 Datasheet HTML 93Page - STMicroelectronics STV3550 Datasheet HTML 94Page - STMicroelectronics STV3550 Datasheet HTML 95Page - STMicroelectronics STV3550 Datasheet HTML 96Page - STMicroelectronics STV3550 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 144 page
background image
STV3550
93/144
7.5.1.2 Basic Timer Input Modes
Several inputs modes are available for the basic timers.
●
Event Counter Mode
The Basic Timer is driven by the signal applied to the input pin (Input Timer) which acts as an
external clock. In this case, the unit works as an event counter. The event is a high to low
transition on Input Timer. Spacing between trailing edges should be at least one internal clock
cycle multiplied by 8 (i.e. the maximum Basic Timer input frequency is 3.38 MHz when the
internal clock frequency is 27 MHz).
●
Gated Input Mode
The Basic Timer uses the internal clock and starts and stops the Timer according to the state of
Input Timer pin. When the status of the Input Timer pin is High, the Basic Timer count operation
proceeds. When the status of the Input Timer pin is Low, the counting is stopped.
●
Triggerable Input Mode
The Basic Timer is triggered only once by:
➢ enabling the timer,
➢ a high to low transition on the Input Timer pin.
The timer must be reactivated once the counter reaches 0.
●
Retriggerable Input Mode
In this mode, each high to low transition on the Input Timer pin causes the counter to restart
from the last constant loaded in the prescaler and load registers.
As with Triggerable Input Mode, the Basic Timer is started by:
➢ enabling the timer,
➢ a high to low transition on the Input Timer pin.
7.5.1.3 Basic Timer Output Modes
Several output modes are available for the basic timers.
●
No Output Mode
The output is disabled and the corresponding pin is set high (reset state).
●
Square Wave Output Mode
The Basic Timer toggles the state of the Output Timer pin on every End Of Count condition.
When the internal clock frequency is 27 MHz, square waves can be generated within a period
ranging from 296 ns to 1271 seconds.
●
PWM Output Mode
The output value can be forced to high or low when the timer reaches End Of Count. This
enables the user to generate PWM signals by modifying the value previously forced between
End of Count events, based on software counters decremented on Basic Timer interrupts.
7.5.2
Interrupt Selection
The Basic Timer can generate an interrupt request at every End of Count event.
Note:
If the counter is loaded with the value 0000h, the counting is stopped but the interrupt is
continuously generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com