Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 38Page - STMicroelectronics STV3550 Datasheet HTML 39Page - STMicroelectronics STV3550 Datasheet HTML 40Page - STMicroelectronics STV3550 Datasheet HTML 41Page - STMicroelectronics STV3550 Datasheet HTML 42Page - STMicroelectronics STV3550 Datasheet HTML 43Page - STMicroelectronics STV3550 Datasheet HTML 44Page - STMicroelectronics STV3550 Datasheet HTML 45Page - STMicroelectronics STV3550 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 144 page
background image
42/144
STV3550
Graphics Functional Description
Note:
The Palettep[31:0] value is not the address of the first byte of the first color in the palette. It is the
address of the first byte of the first color loaded in the OSD CLUT.
The address of the first byte (first pixel) in the Top Field block which will be displayed in the OSD
region is defined in bits Topp[31:0].
The address of the first byte (first pixel) in the Bottom Field block which will be displayed in the
OSD region is defined in bits Bottomp[31:0].
Note:
Using pointers Topp[31:0] and Bottomp[31:0], the top field block and the bottom field block can be
the same (e.g. it can be used for Simple Character mode).
The address of the next OSD specification in the SDRAM is defined in bits OSDp[31:0]. If the
current OSD specification is the last one displayed on the TV screen, the Stop Linked List (SLL) bit
must be set.
OSD Region Positions
The top position of the current OSD region is specified in bits Y_top[10:0] which define the vertical
start of the OSD region on the screen. This value is given as a number of TV lines. The top line
specified in the first word of an OSD region specification must be greater than or equal to 3.
The bottom position of the current OSD region is specified in bits Y_bottom[10:0] which define the
vertical end of the OSD region on the screen. This value is given as a number of TV lines.
The left position of the current OSD region is specified in bits X_left[11:0] which define the
horizontal start of the OSD region on the screen. This value is given as a number of pixel clock
periods.
The right position of the current OSD region is specified in bits X_right[11:0] which define the
horizontal end of the OSD region on the screen. This value is given as a number of pixel clock
periods.
Note:
An OSD region must be at the same position (same TV line) in both Interlaced and Progressive
mode. In Progressive or Non-Interlaced mode, the Y_top and Y_bottom positions are programmed
the same way. This means that the number of TV lines displayed for an OSD region in Progressive
mode is never an odd number. An OSD region will always have (Y_bottom -Y_top)*2 TV lines
displayed.
In Interlaced mode, the same number of TV lines is displayed in both fields. Value “Y_bottom -
Y_top” is field-based.
OSD Region Characteristics
The total number of pixels to be displayed in the top or bottom field for the current OSD region is
given in bits TPND[21:0]. The number of pixels in the Top Field block is the same as in the Bottom
Field block. This is not the number of pixels programmed in the Top and Bottom Field blocks.
The pitch value which will be added to the Topp[31:0] or Bottomp[31:0] pointers in order to load the
next pixels is defined in bits Pitch[12:0]. This value represents the maximum number of pixels which
will be displayed in a TV line.
The number of pixels displayed in a single TV scan line is given in bits PNDL[11:0]. This value is
the same for all TV scan lines in a given OSD region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com