Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 9Page - STMicroelectronics STV3550 Datasheet HTML 10Page - STMicroelectronics STV3550 Datasheet HTML 11Page - STMicroelectronics STV3550 Datasheet HTML 12Page - STMicroelectronics STV3550 Datasheet HTML 13Page - STMicroelectronics STV3550 Datasheet HTML 14Page - STMicroelectronics STV3550 Datasheet HTML 15Page - STMicroelectronics STV3550 Datasheet HTML 16Page - STMicroelectronics STV3550 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
STV3550 Pin List
STV3550
13/144
2.2
Pin Description
Table 1: Digital Video Input Stage
Pin No.
Pin Name
Pin Description
140
VSYNC
Vertical Sync Input
141
HSYNC
Horizontal Sync Input
142
CLK_DATA
Video Input Clock from STV2310
143
YCRCB0
4:2:2 Data Stream Input 0 from STV2310
144
YCRCB1
4:2:2 Data Stream Input 1 from STV2310
145
YCRCB2
4:2:2 Data Stream Input 2 from STV2310
146
YCRCB3
4:2:2 Data Stream Input 3 from STV2310
147
YCRCB4
4:2:2 Data Stream Input 4 from STV2310
148
YCRCB5
4:2:2 Data Stream Input 5 from STV2310
149
YCRCB6
4:2:2 Data Stream Input 6 from STV2310
150
YCRCB7
4:2:2 Data Stream Input 7 from STV2310
Table 2: Digital Video Output Stage
Pin No.
Pin Name
Pin Description
Digital
193
V100
Vertical Sync Output
194
H100
Horizontal Sync Output
195
CLK_DFL
Clock Output
202
P_VIDEO0
Digital Video Output 0
203
P_VIDEO1
Digital Video Output 1
204
P_VIDEO2
Digital Video Output 2
205
P_VIDEO3
Digital Video Output 3
206
P_VIDEO4
Digital Video Output 4
208
P_VIDEO5
Digital Video Output 5
1
P_VIDEO6
Digital Video Output 6
2
P_VIDEO7
Digital Video Output 7
3
P_VIDEO8
Digital Video Output 8
4
P_VIDEO9
Digital Video Output 9
6
P_VIDEO10
Digital Video Output 10
7
P_VIDEO11
Digital Video Output 11
8
P_VIDEO12
Digital Video Output 12
9
P_VIDEO13
Digital Video Output 13
10
P_VIDEO14
Digital Video Output 14
12
P_VIDEO15
Digital Video Output 15
13
P_VIDEO16
Digital Video Output 16
14
P_VIDEO17
Digital Video Output 17
15
P_VIDEO18
Digital Video Output 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com