Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 82Page - STMicroelectronics STV3550 Datasheet HTML 83Page - STMicroelectronics STV3550 Datasheet HTML 84Page - STMicroelectronics STV3550 Datasheet HTML 85Page - STMicroelectronics STV3550 Datasheet HTML 86Page - STMicroelectronics STV3550 Datasheet HTML 87Page - STMicroelectronics STV3550 Datasheet HTML 88Page - STMicroelectronics STV3550 Datasheet HTML 89Page - STMicroelectronics STV3550 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 144 page
background image
86/144
STV3550
TV Chassis Control
7
TV Chassis Control
The STV3550 includes the following peripherals for TV chassis control:
●
30 fully-programmable I/Os
●
4 external interrupts
●
8-bit programmable PWM with 4 inputs/outputs
●
Infrared Digital Preprocessor
●
Real Time Clock and Watchdog Timer
●
4 16-bit basic timers
●
10-bit ADC with 6 inputs and wake-up capability
●
2 Master/Slave I²C Bus Interface
●
UART and support for IrDA interfaces
7.1
PWM and Counter Module
This module contains two separate functions:
●
Pulse Width Modulation (PWM) decoder linked to 4 PWM outputs,
●
a 32-bit counter with 4 input capture and compare capabilities.
7.1.1
External Interface
7.1.2
PWM Functions
The pulse width signal generator is used for the digital generation of up to 4 analog outputs when
used with an external filtering network.
The unit, based on a unique 8-bit free-running counter clocked by the 27 MHz clock, can be
prescaled by a 4-bit prescaler and provide frequencies from 6591.8 Hz up to 105468.75 Hz. Four 8-
bit comparators are used to select 4 aspect ratios for the same PWM frequency. The period of the
four 8-bit PWMs is therefore identical and synchronized.
The four PWM outputs must be configured as Alternate function output push-push or open drain.
An interrupt can be generated at the counter overflow.
When the PWM counter starts, the output is set to 1. When the counter matches the PWM compare
value, the output is reset to 0. The output will return to 1 when the counter overflows.
Table 22: Parallel Input/Output Pins
Pin No.
Pin Name
Main Function
(after Reset)
Alternate Function
131
PORTA0
Port A0
PWMCAPTURE0/PWM0
133
PORTA1
Port A1
PWMCAPTURE1/PWM1
10
PORTA2
Port A2
PWMCAPTURE2/PWM2
11
PORTA3
Port A3
PWMCAPTURE3/PWM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com