Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 43Page - STMicroelectronics STV3550 Datasheet HTML 44Page - STMicroelectronics STV3550 Datasheet HTML 45Page - STMicroelectronics STV3550 Datasheet HTML 46Page - STMicroelectronics STV3550 Datasheet HTML 47Page - STMicroelectronics STV3550 Datasheet HTML 48Page - STMicroelectronics STV3550 Datasheet HTML 49Page - STMicroelectronics STV3550 Datasheet HTML 50Page - STMicroelectronics STV3550 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 144 page
background image
Graphics Functional Description
STV3550
47/144
Note:
Due to the GAMMA specification, the Alpha[7:0] range is from 0 to 128 in decimal (00h is
transparent, 80h is full OSD). All values greater than 80h (from 81h to FFh) are clamped to 80h.
The user may define a color palette with “n” number of colors (“n” words of 32 bits) for a single OSD
region. Before this region is displayed, these colors are loaded into a Color Look Up Table (CLUT)
in SDRAM where the RGB and Alpha bits are written.
The user defines the number of colors that will be loaded into the CLUT (NCL[7:0]) and the address
in the CLUT where the first color will be loaded (CLUTAdd[7:0]). These two parameters may be used
to reprogram or modify certain colors in the CLUT when several regions are displayed
simultaneously.
Note:
Palettep[31:0]
points to the address in SDRAM of the first byte of the first color loaded.
CLUTAdd[7:0] is only used to load the colors in the CLUT and not to read the CLUT during display.
The number of colors in the palette (programmed in the SDRAM) can be greater or less than 256 (a
color is a word of 32 bits). But, a only maximum of 256 colors will be loaded in the OSD CLUT.
The NCL[7:0] parameter refers to a contiguous number of colors programmed in the palette. If
NCL = 0, one color will be loaded.
Each OSD specification after the first one can either use the same color palette as the previous
OSD region, or a new one can be defined. If a new palette is defined in the SDRAM, the following
bits must be modified in the header:
●
NP
must be set.
●
Palettep[31:0]
will indicate the new address of the first byte to be loaded.
●
NCL[7:0]
gives the number of colors to be loaded in the OSD CLUT.
●
CLUTAdd[7:0]
gives the OSD CLUT address where the first color will be loaded.
CLUT outputs are 32-bits; 8-bits for R, 8-bits for G, 8-bits for B, plus 8 bits for transparency control
(or mixing factor).
4.1.4.3 OSD Bitmap
The bitmap defines the OSD pixels, from left to right, in order and within lines, and follows the lines
from top to bottom. The first line of a bitmap is always a top line, and the last line is always a bottom
line. The number of bits per pixel is 8. The value for each pixel gives the line of the palette or the
address in the CLUT, which defines the color for the pixel.
The bitmap block is subdivided in two field blocks, the top field block and the bottom field block.
These two blocks always contain the same number of pixels (in both Interlaced and Progressive
mode). Each field block (top or bottom) defines one field of one region and each block must be
contiguous, aligned on a 32-bit boundary in the SDRAM.
Alpha[7:0]
8
Alpha Pixel Mixing factor
Values greater than 80h are clamped to 80h.
00h:
80h:
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
987
6543
210
Pixel 4
+1 Pixel
+1 Pixel
Pixel 1
Pixel 8
+1 Pixel
+1 Pixel
Pixel 5
Table 12: : Palette Line Format in 32-bit Color
Bitfield
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com