Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 88Page - STMicroelectronics STV3550 Datasheet HTML 89Page - STMicroelectronics STV3550 Datasheet HTML 90Page - STMicroelectronics STV3550 Datasheet HTML 91Page - STMicroelectronics STV3550 Datasheet HTML 92Page - STMicroelectronics STV3550 Datasheet HTML 93Page - STMicroelectronics STV3550 Datasheet HTML 94Page - STMicroelectronics STV3550 Datasheet HTML 95Page - STMicroelectronics STV3550 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 144 page
background image
92/144
STV3550
7.5
Basic Timer
The chip embeds four Basic Timers. Each timer includes a programmable 16-bit down counter and
an associated 16-bit prescaler with Single and Continuous counting modes capability. The input
clock to the prescaler can be driven either by an internal clock equal (27 MHz) divided by 4 or by an
external clock connected to the Timer Input pin. The maximum input clock frequency cannot exceed
the internal clock frequency divided by 8. The input and output pins, when available, may be
connected as Alternate Functions of an I/O port bit.
The Basic Timer can be used in one of four programmable input modes:
●
event counter,
●
gated external input mode,
●
triggerable input mode,
●
retriggerable input mode.
The Timer Output pin can be used to generate a Square Wave or Pulse Width Modulated signal.
The Basic Timer End Of Count condition is able to generate an interrupt. The End of Count
condition is defined as the Counter Underflow, whenever 00h is reached.
7.5.1
Functional Description
7.5.1.1 Timer/Counter Control
The timer can run in Continuous or Single mode. An initial pre-scale or counter value can be loaded.
IMPORTANT: In order to prevent incorrect counting of the Basic Timer, the prescaler and counter
registers must be initialized before the timer is started. If this is not done, the counting will start with
the reset values.
Single/Continuous Mode
In Single mode, at the End of Count, the Basic Timer stops, reloads the constant and resets the
Start/Stop bit. (The user programmer can inspect the current timer status by reading this bit). Setting
the Start/Stop bit will restart the counter.
In Continuous mode, at the End of the Count, the counter automatically reloads the constant and
restarts. It is only stopped by resetting the Start/Stop bit.
Figure 58: Basic Timer Block Diagram
Timer Output
INEN INMD1 INMD0
BTimerPres
16-bit Prescaler
OUTMD1
OUTMD0
Output Control Logic
End of Count
Interrupt
Timer Input
Internal Clock: 4
BTimerCVL
16-bit Downcounter
Basic
Timer
Clock
Input &
Clock Control Logic
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com