Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 83Page - STMicroelectronics STV3550 Datasheet HTML 84Page - STMicroelectronics STV3550 Datasheet HTML 85Page - STMicroelectronics STV3550 Datasheet HTML 86Page - STMicroelectronics STV3550 Datasheet HTML 87Page - STMicroelectronics STV3550 Datasheet HTML 88Page - STMicroelectronics STV3550 Datasheet HTML 89Page - STMicroelectronics STV3550 Datasheet HTML 90Page - STMicroelectronics STV3550 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 144 page
background image
TV Chassis Control
STV3550
87/144
7.1.3
Counter Functions
This cell is based on a 32-bit up-counter associated with a 5-bit prescaler that is clocked at 27 MHz
divided by 4. There are:
●
four 32-bit input capture registers linked to four capture inputs,
●
four 32-bit compare registers.
The up-counter can be programmed to start at a specific value. At overflow, this counter is reloaded
with the initial value.
When an external event is detected on the external PWM capture pin, the counter value is copied
into the capture register. This event can be triggered by a rising edge, a falling edge or both. When
this occurs, an interrupt is generated and the capture register value can read and its value reset.
The four 32-bit compare registers can be programmed to trigger an interrupt when the counter value
is equal to one the compare register values. This function is used to create four additional timers.
Interrupts can be generated at any of the following events:
●
at input capture event,
●
at counter overflow,
●
when the compare value matches the counter value.
Note: 1 As only a single interrupt is generated, the interrupt source must be identified by software.
2 The counter can be read anytime, but can only be written to when it is stopped. Compare registers
can be read/written anytime, but capture registers are read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com