Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 51Page - STMicroelectronics STV3550 Datasheet HTML 52Page - STMicroelectronics STV3550 Datasheet HTML 53Page - STMicroelectronics STV3550 Datasheet HTML 54Page - STMicroelectronics STV3550 Datasheet HTML 55Page - STMicroelectronics STV3550 Datasheet HTML 56Page - STMicroelectronics STV3550 Datasheet HTML 57Page - STMicroelectronics STV3550 Datasheet HTML 58Page - STMicroelectronics STV3550 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 144 page
background image
STV3550
55/144
The table below summarizes the various source formats for each GAMMA Picture Compositor
plane.
Table 14: List of Accepted Picture Compositor Formats
Format
Description
Use
RGB888
(RGB24)
24-bit RGB
Only use for the background color
plane with a field-based resolution (1
color only for a complete field).
X
ACLUT8 Bitmapped graphics with 8-bit per pixel
(256 colors). For Graphics, the CLUT
output is 8-bit per color component
(RGB) and 8 bit for transparency
(alpha). For the Cursor, the CLUT output
is 4-bit per color component (RGB) and
4-bit for transparency (alpha)
Simple graphics with reduced memory
needs.
8-bits per pixel can use the byte
manipulation modes.
XX
YCbCr
4:2:2
Raster-based 4:2:2 picture from the D1
input. 4:2:2 to 4:4:4 up-conversion is
performed in the video pipeline output
stage before sending data to the Picture
Compositor.
Format used for the video display
pipeline output
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com