Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 65Page - STMicroelectronics STV3550 Datasheet HTML 66Page - STMicroelectronics STV3550 Datasheet HTML 67Page - STMicroelectronics STV3550 Datasheet HTML 68Page - STMicroelectronics STV3550 Datasheet HTML 69Page - STMicroelectronics STV3550 Datasheet HTML 70Page - STMicroelectronics STV3550 Datasheet HTML 71Page - STMicroelectronics STV3550 Datasheet HTML 72Page - STMicroelectronics STV3550 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 144 page
background image
CPU and System Management Functional Description
STV3550
69/144
are configured by software via control registers since the STV3550 is always able to boot,
regardless of the memory configuration.
6.3.8
STV3550 Memory Interface Capabilities Regarding Flash Device
6.3.8.1 Supported Flash Commands
The STV3550 is able to read the Flash memory like an asynchronous memory device.
Table 19: Memory Interface Pins
Signal Names
I/O
Size
Comment
FLASH_D[15:0]
I/O
16
Flash Data bus
The Flash device is always connected to this bus. When a 32-bit data word SDRAM
is used, the Flash Data bus is the first half (LSBs) of the 32-bit bus (the second half
being the SDRAM Data bus (MSBs)).
ADDR[19:0]
O
20
Address bus
The Flash device uses this entire bus as a non-multiplexed bus.
The SDRAM devices uses lines 15 and 16 as Bank Activate (BA0 and BA1,
respectively) and lines 0 to 11 for Row or Column Selection (refer to data word size
and addresses dependencies).
When a 32-bit data word SDRAM is connected, lines 18 and 19 supply the Byte
Enable data (NOT_BE[1:0] active low).
NOT_CS_FLASH
O
1
Flash Chip Select - Active Low
SDRAM_D[15:0]
I/O
16
SDRAM Data bus
When a 16-bit data word SDRAM is used, it is connected to this bus.
When a 32-bit data word SDRAM is used, this bus becomes the second half (MSBs)
of the 32-bit bus (the first half (LSBs) being the Flash Data bus).
NOT_CS_SDRAM
O
1
SDRAM Chip Select - Active Low
RD_NOT_WR
O
1
Read / Write
By default, this is the SDRAM Read/Write signal. When the Flash Write Feature is
activated, this line is also the Flash Read/Write signal.
NOT_BE[1:0]
O
2
SDRAM Byte Enable - Active Low
These lines become Byte Enable 3 and 2 (active low) when a 32-bit data word
SDRAM is used.
NOT_RAS
O
1
SDRAM Row Address Strobe - Active Low
NOT_CAS
O
1
SDRAM Column Address Strobe - Active Low
This line may be used as a Flash Output Enable if the Flash Write Feature is used.
CKOUT_SDRAM
O
1
SDRAM Clock
Clock generated by STV3550 for the SDRAM.
CKIN_SDRAM
I
1
SDRAM Clock Feedback
This input is used to correctly synchronize the data sent by the SDRAM using the
internal clock of STV3550.
This input is also used by the DLL embedded in the STV3550.
Total Number of
Pins
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com