Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 62Page - STMicroelectronics STV3550 Datasheet HTML 63Page - STMicroelectronics STV3550 Datasheet HTML 64Page - STMicroelectronics STV3550 Datasheet HTML 65Page - STMicroelectronics STV3550 Datasheet HTML 66Page - STMicroelectronics STV3550 Datasheet HTML 67Page - STMicroelectronics STV3550 Datasheet HTML 68Page - STMicroelectronics STV3550 Datasheet HTML 69Page - STMicroelectronics STV3550 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 144 page
background image
66/144
STV3550
CPU and System Management Functional Description
6
CPU and System Management Functional Description
6.1
ST20 C2C200 CPU Core
6.1.1
General Information
This is the 32-bit ST20 C2C200 CPU core from the ST20 CPU family with a programmable
operating frequency between 4 MHz and 100 MHz, depending on the operating mode (full speed or
low power). The cell includes a 4-kB instruction cache memory, a 4-kB data cache memory, a 8-kB
SRAM, a Diagnostic Controller Unit (DCU) and an Interrupt Controller (ITC).
6.1.2
Main Features
●
32-bit VL-RISC Processor
●
60 MIPS (Dhrystone 2.1) at 100 MHz clock
●
16 cache registers of 32-bits providing fast access to local variables
●
Fast-context switch time (less than 1 µs)
●
Up to 16 interrupt inputs
●
Includes 4-kB instruction cache memory, 4-kB data cache memory, and 8-kB SRAM for DMA
transactions or cache increase
●
Includes a Diagnostic Controller Unit for Real Time Debugging via a JTAG port and ST20
emulator
6.2
ST Bus Interconnect Overview
The STV3550 Interconnect is based on the STBus architecture. Its main function is to allow data to
flow between different blocks called “initiators” and “targets”. Each initiator can make a transaction
with any target. The priority of the transaction depends on the arbitration made by each interconnect
module or arbiter.
6.3
STV3550 Memory Interface
In the STV3550, the memory interface is in four parts:
1. The External Memory Interface (EMI) manages all memory accesses from a protocol point of
view.
2. The Pad Glue Logic (PGL) is used for multiplexing and sharing functions on the memory pads
in order to optimize the number of pins. The Pad Glue Logic mainly implements combinational
logic as well as some control logic.
3. The Pad Logic (PL) solves timing issues encountered when connecting high speed devices on
a printed circuit board (PCB). The Pad Logic mainly implements the bi-directional pad and its
associated control logic to accommodate the setup and hold time of memory devices.
4. The Delay Locked Line (DLL)
6.3.1
Memory Devices
The STV3550 requires a ROM device that contains the application software and a RAM device for
video and software data. If the ROM bandwidth is not sufficient, the application software may be
downloaded from ROM to RAM when booting the STV3550. (The download operation is
implemented in software.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com