Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 41Page - STMicroelectronics STV3550 Datasheet HTML 42Page - STMicroelectronics STV3550 Datasheet HTML 43Page - STMicroelectronics STV3550 Datasheet HTML 44Page - STMicroelectronics STV3550 Datasheet HTML 45Page - STMicroelectronics STV3550 Datasheet HTML 46Page - STMicroelectronics STV3550 Datasheet HTML 47Page - STMicroelectronics STV3550 Datasheet HTML 48Page - STMicroelectronics STV3550 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 144 page
background image
Graphics Functional Description
STV3550
45/144
This can be used to independently control the contrast of the OSD plane in relation to the Video
display plane.
Table 11: OSD Header Characteristics
Bitfield
Bits
Description
PNDL[11:0]
12
The Number of Pixels displayed per TV line.
000h:
FFFh:
Gain[5:0]
6
Gain Factor applied to RGB outputs.
00h: 0/32 Gain factor
3Fh: 63/32 Gain factor
GaEn
1
Gain Enable
0: Gain and offset operations are disabled.
1: Gain and offset operations are enabled.
MiMo[1:0]
2
Mixing Mode
00: Pixel Mixing mode
01: Global Mixing mode
10: Proportional Mixing mode
11: No Mixing mode (full OSD)
FM[1:0]
2
Filter Mode
00: No Filter mode
01: Anti-Flicker mode
10: Anti-Flutter mode
11: Reserved
SLL
1
Stop Linked List
0: The next OSD specification will be displayed.
1: The current OSD specification is the last one displayed on the TV screen. After this
specification is displayed, the OSD will switch off.
NP
1
New Palette
0: The CLUT from the previous OSD region will be used.
1: A new palette must be loaded for the current OSD region.
Offset[9:0]
10
Offset value added to RGB outputs.
000h:
3FFh:
CLUTAdd[7:0]
8
Address in the OSD CLUT where the first color (pointed by Palettep[31:0]) will be (re) loaded.
00h:
FFh:
NCL[7:0]
8
Number of Colors Loaded in the OSD CLUT
00h:
FFh:
MiW[7:0]
8
Mixing factor applied to RGB outputs when Global mixing mode is selected.
Values greater than 80h are clamped to 80h.
00h:
80h:
MiGa[8:0]
9
Mixing factor which multiply or divide the Alpha parameter when Proportional mixing mode is
selected.
000h:
1FFh:
TPND[21:0]
22
Total Number of Pixels Displayed.
000000h:
3FFFFFh:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com