Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 92Page - STMicroelectronics STV3550 Datasheet HTML 93Page - STMicroelectronics STV3550 Datasheet HTML 94Page - STMicroelectronics STV3550 Datasheet HTML 95Page - STMicroelectronics STV3550 Datasheet HTML 96Page - STMicroelectronics STV3550 Datasheet HTML 97Page - STMicroelectronics STV3550 Datasheet HTML 98Page - STMicroelectronics STV3550 Datasheet HTML 99Page - STMicroelectronics STV3550 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 144 page
background image
96/144
STV3550
7.6.5
Low Power Modes
There are two Low Power modes available in order to reduce power consumption. In Power Off
mode there is no power consumption.
7.6.5.1 Power Off Mode
At reset, the ADC is in Power Off mode. In Power Off mode, the ADC consumes zero power. To
switch into Power On mode, you must first pass through Standby mode and wait for a stabilization
time-out of 1 ms.
7.6.5.2 Standby Mode
A Standby mode is available to reduce total chip power consumption while maintaining a rapid
response time; i.e. to switch from Standby to Power On mode, a time-out of only 15 µs is required.
Figure 61: Low Power Modes
Power Off Mode
Standby Mode
Power On Mode
Zero power consumption
Low power consumption
Nominal power consumption
1 ms
15 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com