Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 71Page - STMicroelectronics STV3550 Datasheet HTML 72Page - STMicroelectronics STV3550 Datasheet HTML 73Page - STMicroelectronics STV3550 Datasheet HTML 74Page - STMicroelectronics STV3550 Datasheet HTML 75Page - STMicroelectronics STV3550 Datasheet HTML 76Page - STMicroelectronics STV3550 Datasheet HTML 77Page - STMicroelectronics STV3550 Datasheet HTML 78Page - STMicroelectronics STV3550 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 144 page
background image
CPU and System Management Functional Description
STV3550
75/144
6.3.10 SDRAM Low Power Mode
The STV3550 is able to set the SDRAM into Low Power mode. Most SDRAM devices have a Clock
Enable input pin that internally gates the SDRAM clock supplied by the STV3550.
The STV3550 does not have the corresponding output pin included in its memory interface, but this
feature can be emulated using any of the standard STV3550 I/Os.
Figure 46: Typical Read Access Cycle (CAS Latency = 2)
Figure 47: Typical Refresh Access Cycle
NOT_RAS
NOT_CAS
RD_NOT_WR
NOT_BE[1:0]
SDRAM_D[15:0]
RAS to CAS
PrechargeTime
ADDR[16:15],
Row
Column
Row
Read
activate
CKOUT_SDRAM
NOT_CS_SDRAM
N
Column
M
CAS Latency =2
Precharge
All
AP=1
NOP
NOP
BusReleaseTime
ADDR[11:0]
(ADDR[19:18])
(FLASH_D[15:0])
DQM high to data out
forced to High-Z
equals to 2 clock
cycles (fixed
NOT_BE latency for
reads).
NOT_RAS
RD_NOT_WR
RefreshTime
NOT_CS_SDRAM
CKOUT_SDRAM
PrechargeTime
NOT_CAS
1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com