Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 11Page - STMicroelectronics STV3550 Datasheet HTML 12Page - STMicroelectronics STV3550 Datasheet HTML 13Page - STMicroelectronics STV3550 Datasheet HTML 14Page - STMicroelectronics STV3550 Datasheet HTML 15Page - STMicroelectronics STV3550 Datasheet HTML 16Page - STMicroelectronics STV3550 Datasheet HTML 17Page - STMicroelectronics STV3550 Datasheet HTML 18Page - STMicroelectronics STV3550 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 144 page
background image
STV3550 Pin List
STV3550
15/144
175
PORTD1
Port D1
Timer Input 1
176
PORTD2
Port D2
Timer Input 2 / Timer Output 2
177
PORTD3
Port D3
Timer Input 3/ Timer Output 3
159
PORTD4
Port D4
IR_in
169
PORTD5
Port D5
GFX_ACTIVE
179
PORTD6
Port D6
INT0
161
PORTD7
Port D7
INT1/16 x UART Clock
Table 4: External Memory Interface Pins
Pin No.
Pin Name
Pin Description
Flash Data Bus
114
FLASH_D0
Flash Data Bus 0
112
FLASH_D1
Flash Data Bus 1
110
FLASH_D2
Flash Data Bus 2
108
FLASH_D3
Flash Data Bus 3
104
FLASH_D4
Flash Data Bus 4
100
FLASH_D5
Flash Data Bus 5
98
FLASH_D6
Flash Data Bus 6
95
FLASH_D7
Flash Data Bus 7
113
FLASH_D8
Flash Data Bus 8
111
FLASH_D9
Flash Data Bus 9
109
FLASH_D10
Flash Data Bus 10
107
FLASH_D11
Flash Data Bus 11
102
FLASH_D12
Flash Data Bus 12
99
FLASH_D13
Flash Data Bus 13
96
FLASH_D14
Flash Data Bus 14
94
FLASH_D15
Flash Data Bus 15
SDRAM Data Bus
42
SDRAM_D0
SDRAM Data Bus 0
41
SDRAM_D1
SDRAM Data Bus 1
40
SDRAM_D2
SDRAM Data Bus 2
39
SDRAM_D3
SDRAM Data Bus 3
38
SDRAM_D4
SDRAM Data Bus 4
37
SDRAM_D5
SDRAM Data Bus 5
36
SDRAM_D6
SDRAM Data Bus 6
35
SDRAM_D7
SDRAM Data Bus 7
52
SDRAM_D8
SDRAM Data Bus 8
51
SDRAM_D9
SDRAM Data Bus 9
50
SDRAM_D10
SDRAM Data Bus 10
Table 3: Parallel Input/Output Pins (continued)
Pin No.
Pin Name
Main Function (after Reset)
Alternate Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com