Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 96Page - STMicroelectronics STV3550 Datasheet HTML 97Page - STMicroelectronics STV3550 Datasheet HTML 98Page - STMicroelectronics STV3550 Datasheet HTML 99Page - STMicroelectronics STV3550 Datasheet HTML 100Page - STMicroelectronics STV3550 Datasheet HTML 101Page - STMicroelectronics STV3550 Datasheet HTML 102Page - STMicroelectronics STV3550 Datasheet HTML 103Page - STMicroelectronics STV3550 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 144 page
background image
100/144
STV3550
The phase bit, SSCPH, indicates whether a pulse is generated in the first or second half of the
cycle. Note that this is a pulse relative to the idle state of the clock line i.e. if polarity is 0 then the
pulse is positive going, if polarity is 1 then the pulse will be negative going. A phase setting of 0
causes the pulse to be in the second half of the cycle, a setting of 1 causes the pulse to occur in the
first half of the cycle. The different combinations of polarity and phase are shown in Figure 64.
The SSC2 will always latch incoming data in the middle of the clock period at the point shown in the
diagram. With the different combinations of polarity and phase it is possible to generate or not
generate a clock pulse before the first data bit is latched.
Shifting out of data occurs at the end of the clock period. At the start of the first clock period the shift
register is loaded. At the end of the last clock period, the shift register is unloaded into the receive
buffer.
Baud Rate Generation
The SSC2 can generate a range of different baud rate clocks in master mode. These are setup by
programming the baud rate generator register, SSCBRG.
Writing this register programs the baud rate as defined by the following formulas.
Where SSCBRG represents the content of the reload register, as an unsigned 16 bit integer and
fCPU represents the CPU clock frequency.
Figure 64: Clock Polarity And Phase Control
SSCPO SSCPH
00
01
10
11
SDA Pin
Latch Shift Latch ShiftLatch Unload
Latch Shift Latch Shift Latch Unload
Load
Load
Baudrate
f
CPU
2xSSCBRG
----------------------------------
=SSCBRG
f
CPU
2xBaudrate
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com