Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 98Page - STMicroelectronics STV3550 Datasheet HTML 99Page - STMicroelectronics STV3550 Datasheet HTML 100Page - STMicroelectronics STV3550 Datasheet HTML 101Page - STMicroelectronics STV3550 Datasheet HTML 102Page - STMicroelectronics STV3550 Datasheet HTML 103Page - STMicroelectronics STV3550 Datasheet HTML 104Page - STMicroelectronics STV3550 Datasheet HTML 105Page - STMicroelectronics STV3550 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 144 page
background image
102/144
STV3550
LSB of the register and taken out of the MSB of the programmed data width. This is shown for a
9-bit data frame in Figure 65.
The shift register shifts at the end of each clock cycle. The clock pulse for shifting is presented to it
from the serial clock input.
When a complete data frame has been shifted, the contents of the shift register (i.e. all bits shifted
into the register), is loaded into the receive buffer.
There are some additional controls required on the shifting operation to allow full support of the I²C
bus standard. These are described in Section 7.7.16: I²C Operation.
7.7.7
Clock Edge Detection
In order to generate the correct shifting and latching signals for the parts of the SSC2, correct
detection of the input serial clock edges must occur. It is possible that the input clock edge rates are
very slow (of the order of several hundred nano-seconds), hence it is essential that the edge
detection can cope with noise spikes.
To achieve this, the SSC2 uses a majority sampling approach to detect the clock edges. Four
consecutive samples are taken. The majority value of the first 3 samples is then taken to provide a
previous signal value. The majority of the last 3 samples is used to provide a current signal value. If
Figure 65: Shift Register Operation For 9 Bit Data Frames
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Data_out
Data_in
Data_out
Data_in
Shift Direction
Shift Direction
LSB
MSB
LSB
MSB
LSB First Direction (SSCHB = 0)
MSB First Direction (SSCHB = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com