Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 102Page - STMicroelectronics STV3550 Datasheet HTML 103Page - STMicroelectronics STV3550 Datasheet HTML 104Page - STMicroelectronics STV3550 Datasheet HTML 105Page - STMicroelectronics STV3550 Datasheet HTML 106Page - STMicroelectronics STV3550 Datasheet HTML 107Page - STMicroelectronics STV3550 Datasheet HTML 108Page - STMicroelectronics STV3550 Datasheet HTML 109Page - STMicroelectronics STV3550 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 144 page
background image
106/144
STV3550
Each sample occurs at the CPU clock frequency. The sampling scheme is shown in Figure 68.
The error condition is indicated by the setting of the SSCPE bit in the status register. An interrupt will
be generated if the SSCPEEN bit is set in the interrupt enables register.
The phase error status bit (and the interrupt, if enabled) is cleared by the next read from the receive
buffer.
7.7.14 Interrupt Mechanism
The SSC2 can generate a variety of different interrupts. They can all be enabled or disabled
independently of each other. All the enabled interrupt conditions are OR-ed together to generate a
global interrupt signal. In addition a dedicated interrupt signal is generated for transmit buffer empty
and receive buffer full. An additional combined interrupt signal is generated for the error conditions:-
receive error, transmit error, phase error and baud rate error.
To determine which interrupt condition occurred, a status register, SSCSTAT is provided which
includes a bit for each condition. This is independent of the interrupt enables register, SSCIEN,
which determines whether the condition asserts one or more of the interrupt signals.
7.7.15 Software Reset
A software reset facility is included in order to clear the device if various unexpected conditions
occur. This is useful during software or hardware development as it allows the SSC2 to be reset
without affecting the rest of the chip.
The reset is performed by setting the SSCSR bit in the SSCCON register. While the bit is set the
entire SSC2 functionality will be held in the reset state. That is ALL functionality, except for the
current settings of the SSCCON, SSCI2C, SSCTBUF, SSCSLAD, SSCBRG and SSCIEN registers.
If these are required to be cleared, this can be done by programming these registers while the
SSCSR bit is held high.
When the SSCSR bit is cleared the device will proceed according to the settings of the SSCCON
and SSCI2C registers.
Figure 68: Phase Error Detection
CPU Clock
Serial_clock_in
Serial_data_in
Sampling Points
Phase Error?
NO
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com