Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 103Page - STMicroelectronics STV3550 Datasheet HTML 104Page - STMicroelectronics STV3550 Datasheet HTML 105Page - STMicroelectronics STV3550 Datasheet HTML 106Page - STMicroelectronics STV3550 Datasheet HTML 107Page - STMicroelectronics STV3550 Datasheet HTML 108Page - STMicroelectronics STV3550 Datasheet HTML 109Page - STMicroelectronics STV3550 Datasheet HTML 110Page - STMicroelectronics STV3550 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 144 page
background image
STV3550
107/144
7.7.16 I²C Operation
This section describes the hardware features which are implemented in order to allow full support
for the I²C bus standard.
The architecture of the I²C including all the I²C hardware additions is shown in Figure 69.
7.7.16.1 I²C Control
There are a number of features of the I²C-bus protocol which require special control:
1. To allow slow slave devices to be accessed, and to allow multiple master devices to generate a
consistent clock signal, a clock synchronization mechanism is specified.
2. START and STOP conditions must be recognized when in slave mode or multi-master mode. A
START condition initiates the address comparison phase. A STOP condition indicates that a
master has completed transmission and that the bus is now free.
Figure 69: SSC2 Architecture with I²C Hardware
Clock
Generator
Clock Stretcher
START/STOP
Detect
Shift Register
Arbitration
Checker
Acknowledge
Generator
Transmit Buffer
Receive Buffer
Peripheral Interface
serial_clock_in
serial_data_in
serial_data_out
serial_clock_out
START/STOP
Generator
I²C Control
Slave Address
Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com