Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 111 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 107Page - STMicroelectronics STV3550 Datasheet HTML 108Page - STMicroelectronics STV3550 Datasheet HTML 109Page - STMicroelectronics STV3550 Datasheet HTML 110Page - STMicroelectronics STV3550 Datasheet HTML 111Page - STMicroelectronics STV3550 Datasheet HTML 112Page - STMicroelectronics STV3550 Datasheet HTML 113Page - STMicroelectronics STV3550 Datasheet HTML 114Page - STMicroelectronics STV3550 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 144 page
background image
STV3550
111/144
7.7.19 START/STOP Condition Detection
START/STOP conditions are only generated by a master device. A slave device must detect the
START condition and expect the next byte (or 2 bytes in 10 bit addressing) to be a slave address. A
STOP condition is used to detect when the bus is free.
A START condition is when the transmit/receive data line goes from high to low DURING the high
period of the clock line. It indicates that a master device wants control of the bus. In a single master
configuration, it will automatically get control, in a multi-master configuration, it begins to transmit as
part of the arbitration procedure, and may or may not get control (see Section 7.7.24: Arbitration
Checking).
A STOP condition is when the transmit/receive data line goes from low to high DURING the high
period of the clock line. It indicates that a master device has relinquished control of the bus (the bus
will be free a specified time after the stop condition).
An additional piece of hardware is provided on the SSC2 to detect START and STOP conditions.
This is necessary in slave mode because it cannot be done in time by programming the PIO pads.
There is not sufficient time for a software interrupt between the end of the START condition and the
beginning of the data transmitted by a remote master.
START and STOP conditions are detected by sampling the data line continuously when the clock
line is high. The same edge detection mechanism as for the serial clock is used to determine if the
data line changes. If a falling edge is seen then a START condition is detected. If a rising edge is
seen then a STOP condition is detected. The sampling approach allows an element of spike
suppression on the data line.
The START and STOP condition detection is enabled when the I²C control bit, SSCI2CM, is set in
the I²C control register.
When a START condition is triggered, the SSC2 will inform the I²C control block which will then
initiate the address comparison phase.
When a STOP condition is triggered the SSC2 will set the SSCSTOP bit in the status register. It will
also generate an interrupt if the SSCSTOPEN bit is set in the interrupt enable register.
The interrupt and the status bit will be cleared when the status register is read.
7.7.20 Slave Address Comparison
After a START condition has been detected, the SSC2 goes into the address comparison phase.
It receives the first 8 bits of the next byte transmitted and compares the first 7 bits against the
address stored in the slave address register, SSCSLAD. If they match, then the address
comparison block indicates this to the I²C control block.
This will then generate an acknowledge bit in the next bit position and will set the addressed as
slave bit, SSCAAS, in the status register. An interrupt will then be generated after the acknowledge
bit if the addressed as slave enable bit, SSCAASEN, it set in the interrupt enables register. This
interrupt and status bit will be cleared by a write to the transmit buffer.
The 8th bit of the first byte indicates whether the SSC2 will be written to (LOW) or read from (HIGH).
This will be used by the control block to determine if it needs to acknowledge the following data
bytes (i.e. when receiving data).
When 10 bit addressing mode is selected by setting the 10 bit addressing bit, SSCAD10, the first 7
bits of the first data byte will be compared against “11110XX”, where XX are the 2 most significant
bits of the 10 bit address stored in the slave address register.
The read/write bit then determines what to do next.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com