Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 111Page - STMicroelectronics STV3550 Datasheet HTML 112Page - STMicroelectronics STV3550 Datasheet HTML 113Page - STMicroelectronics STV3550 Datasheet HTML 114Page - STMicroelectronics STV3550 Datasheet HTML 115Page - STMicroelectronics STV3550 Datasheet HTML 116Page - STMicroelectronics STV3550 Datasheet HTML 117Page - STMicroelectronics STV3550 Datasheet HTML 118Page - STMicroelectronics STV3550 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 144 page
background image
STV3550
115/144
In order to meet these various timing requirements of the I²C standard a number of counters are
included in the design. These are programmed to take a number of constants which will provide the
times required.
The constants are defined for a particular system clock frequency to be sufficient to meet the
minimum timing requirements (there are no maximum times defined for these timings). If the system
clock frequency is higher or very much slower than the one used to define the constants then the
values need to be re-defined.
The constants used for the current implementation are shown in Table 23.
3. In FAST mode, but when used with normal mode devices must still meet the 250ns
minimum
4. Where Cb is the total capacitance on one bus line in pF
Table 25: I²C Timing Constants
I²C Timing Name
I²C Standard
Minimum Time
Constant Value
(cycles)
Time Produced
At 60 MHz
Data Hold Time
300ns
21
350ns
Setup Time For STOP Condition TSU.STO
4.0us
300
5.0us
Setup Time For START (repeated) Condition TSU.ST
4.7us
300
5.0us
Hold Time (repeated) START Condition THD:STA
4.0us
300
5.0us
Data Setup Time TSU:DAT
250ns
21
300ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com