Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 77Page - STMicroelectronics STV3550 Datasheet HTML 78Page - STMicroelectronics STV3550 Datasheet HTML 79Page - STMicroelectronics STV3550 Datasheet HTML 80Page - STMicroelectronics STV3550 Datasheet HTML 81Page - STMicroelectronics STV3550 Datasheet HTML 82Page - STMicroelectronics STV3550 Datasheet HTML 83Page - STMicroelectronics STV3550 Datasheet HTML 84Page - STMicroelectronics STV3550 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 144 page
background image
CPU and System Management Functional Description
STV3550
81/144
6.3.12 STV3550 External and Internal Memory Mapping
The internal and external memory maps in the STV3550 is described in Figure 52.
6.4
Reset Strategy
The chip includes 3 different types of reset:
1. An external Hard Reset controlled by the NRESET pin and usually used for the Power On
Reset (POR)
2. An internal reset generated by the Watchdog
3. A Soft Reset controlled by the ST20 C2C200 CPU core
6.4.1
External Hard Reset
Figure 52: Internal and External Memory Map
Figure 53: External Hard Reset
STV3550
Address Space
Memory Resource Type
80000000
80001FFF
ST20 Internal SRAM (8 KBytes)
Other STV3550 Peripheral Registers
(Display...)
00000000
1FFFFFFF
ST20 Peripheral Registers (INTC,
DCU, Caches)
20000000
30005FFF
40000000
41FFFFFF
7FFE0000
50000000
67FFFFFF
SDRAM (up to 32 MBytes)
7FFFFFFF
Flash (up to 2 MBytes)
STV3550 Memory Interface Control Registers
7FFFFFFF
40000000
3FFFFFFF
00000000
FFFFFFFF
C0000000
BFFFFFFF
80000000
Internal
Memory
Resource
Internal
Memory
Resource
Internal
Memory
Resource
External
Memory
Resource
External
Memory
Resource
Build-Up
Counter
NRESET
Reset Pad
notRST
27-MHz
Crystal Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com