Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 23Page - STMicroelectronics STV3550 Datasheet HTML 24Page - STMicroelectronics STV3550 Datasheet HTML 25Page - STMicroelectronics STV3550 Datasheet HTML 26Page - STMicroelectronics STV3550 Datasheet HTML 27Page - STMicroelectronics STV3550 Datasheet HTML 28Page - STMicroelectronics STV3550 Datasheet HTML 29Page - STMicroelectronics STV3550 Datasheet HTML 30Page - STMicroelectronics STV3550 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 144 page
background image
STV3550
27/144
3.3.3
Image Improvement
3.3.3.1 Main Features
●
Contrast Enhancement with 4 different modes: Black Stretch, White Stretch, Grey Stretch and
Black & White Shrink
●
Vertical and Horizontal peaking,
●
Luma Coring
●
Color Edge Replacement for Color Transition Improvement (CTI)
●
Brightness Estimator
●
Histogram
Figure 11: Display Formats for 4:3 Input, 16:9 Aspect Ratio (Letter-box) and 16:9 TV Screen
Figure 12: Display Formats for 4:3 Input, 2.35 Aspect Ratio (Wide Film) and 16:9 TV Screen
Figure 13: Display Formats for 4:3 Input, 16:9 Aspect Ratio and 4:3 TV Screen
No Zoom
V expansion 33%
Zoom7
Sub-title
Zoom8
V expansion 33% and V pan
No Zoom
V expansion 33%
V expansion 75%
H expansion 33%
V expansion 75%
H non-linear shrink
No Zoom
H and V expansion 16.6%
V non-linear Zoom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com