Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 12Page - STMicroelectronics STV3550 Datasheet HTML 13Page - STMicroelectronics STV3550 Datasheet HTML 14Page - STMicroelectronics STV3550 Datasheet HTML 15Page - STMicroelectronics STV3550 Datasheet HTML 16Page - STMicroelectronics STV3550 Datasheet HTML 17Page - STMicroelectronics STV3550 Datasheet HTML 18Page - STMicroelectronics STV3550 Datasheet HTML 19Page - STMicroelectronics STV3550 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 144 page
background image
16/144
STV3550
STV3550 Pin List
49
SDRAM_D11
SDRAM Data Bus 11
48
SDRAM_D12
SDRAM Data Bus 12
47
SDRAM_D13
SDRAM Data Bus 13
46
SDRAM_D14
SDRAM Data Bus 14
45
SDRAM_D15
SDRAM Data Bus 15
Address Bus
73
ADDR_0
Address Bus 0
72
ADDR_1
Address Bus 1
71
ADDR_2
Address Bus 2
70
ADDR_3
Address Bus 3
65
ADDR_4
Address Bus 4
64
ADDR_5
Address Bus 5
63
ADDR_6
Address Bus 6
62
ADDR_7
Address Bus 7
61
ADDR_8
Address Bus 8
60
ADDR_9
Address Bus 9
74
ADDR_10
Address Bus 10
59
ADDR_11
Address Bus 11
58
ADDR_12
Address Bus 12
56
ADDR_13
Address Bus 13
91
ADDR_14
Address Bus 14
77
ADDR_15
Address Bus 15 / BA0
75
ADDR_16
Address Bus 16 / BA1
88
ADDR_17
Address Bus 17
89
ADDR_18
Address Bus 18 / Not_BE2
90
ADDR_19
Address Bus 19 / Not_BE3
Controls
81
RD_NOTWR
SDRAM Write Enable / Flash Write Enable*
87
NOT_CS_FLASH
Flash Chip Select
78
NOT_CS_SDRAM
SDRAM Chip Select
79
NOT_RAS
SDRAM Row Address Strobe
80
NOT_CAS
SDRAM Column Address Strobe / Flash Output Enable*
82
NOT_BE0
SDRAM Byte Enable 0
57
NOT_BE1
SDRAM Byte Enable 1
66
CKOUT_SDRAM
Clock Output for SDRAM
69
CKIN_SDRAM
SDRAM Clock Feedback
Table 4: External Memory Interface Pins (continued)
Pin No.
Pin Name
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com