Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 44Page - STMicroelectronics STV3550 Datasheet HTML 45Page - STMicroelectronics STV3550 Datasheet HTML 46Page - STMicroelectronics STV3550 Datasheet HTML 47Page - STMicroelectronics STV3550 Datasheet HTML 48Page - STMicroelectronics STV3550 Datasheet HTML 49Page - STMicroelectronics STV3550 Datasheet HTML 50Page - STMicroelectronics STV3550 Datasheet HTML 51Page - STMicroelectronics STV3550 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 144 page
background image
48/144
STV3550
Graphics Functional Description
Two pointers, defined in the header, give the first bitmap pixel address in each field block. The
bottom field block can be merged with the top field block (line-based format).
4.1.5
Mixing OSD and Video Signals
The mixing function is used to blend each OSD pixel with the corresponding pixel generated by the
video planes behind the OSD. The mix weight is a programmable parameter and can be set for
each OSD region, or for each color. The Mixing Mode bits (MiMo[1:0]) are used to select one of four
possible mixing modes.
Figure 34: OSD CLUT Programming Flowchart
Table 13: Mixing Modes
MiMo[1:0]
Description
00
Pixel Mixing mode
01
Global Mixing mode
Header
Palette with n Colors
32 bits
Memory Space
Memory Space
Palettep[31:0]
... Colors
1st Color
256th Color
2nd Color
nth Color
4th Color
SDRAM
OSD CLUT
OSD
32 bits
NCL[7:0]
Clutadd[7:0]
4th Color
(NCL[7:0]+1) th Color
256th Address
First Address
n Colors
= >@ 17
In this example, the 4th color of the palette (programmed in SDRAM) is loaded at the
CLUTAdd[7:0] address in the OSD CLUT (18th address of the OSD CLUT). Therefore, the 4th
color of the palette (pointed by Palettep[31:0]) is the first color to be loaded in the OSD CLUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com