Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 73Page - STMicroelectronics STV3550 Datasheet HTML 74Page - STMicroelectronics STV3550 Datasheet HTML 75Page - STMicroelectronics STV3550 Datasheet HTML 76Page - STMicroelectronics STV3550 Datasheet HTML 77Page - STMicroelectronics STV3550 Datasheet HTML 78Page - STMicroelectronics STV3550 Datasheet HTML 79Page - STMicroelectronics STV3550 Datasheet HTML 80Page - STMicroelectronics STV3550 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 144 page
background image
CPU and System Management Functional Description
STV3550
77/144
Flash and SDRAM devices share the lower half of the data bus. As a result, placing memory
devices on the board requires additional restrictions compared to the low-cost configuration.
Since the data word size is 32 bits, address outputs ADDR[12:1] are connected to the SDRAM
address bus, and address outputs ADDR[16:15] are used as Bank Activate signals.
Note that outputs NOT_BE[1:0] are connected to DQM[3:2], while DQM[1:0] are provided through
address outputs ADDR[19:18]. This means that internal Byte Enable 0 and 1 are provided through
ADDR[19:18] and Byte Enable 2 and 3 are provided through NOT_BE[1:0]. The Flash is a Read-
only device.
6.3.11.3 High-End Configuration with two SDRAM Devices
This configuration requires two SDRAM devices with 16 data lines each. A typical size of the
SDRAMs may be 64 Mbits (8 MBytes).
One SDRAM device is connected to the upper half of the data bus, while the other device is
connected to the lower half. The Flash memory shares the lower half of the data bus with one of the
SDRAM devices.
From STV3550 point of view, since the data word size is 32 bits, address outputs ADDR[12:1] are
connected to the SDRAM address buses, and address outputs ADDR[16:15] are used as Bank
Activate signals.
Note that outputs NOT_BE[1:0] are connected to DQM[1:0] of the SDRAM connected to the upper
half of the data bus, while address outputs ADDR[19:18] are driving DQM[1:0] of the other SDRAM.
This means that internal Byte Enable 0 and 1 are provided through ADDR[19:18] and Byte Enable
2 and 3 are provided through NOT_BE[1:0]. The Flash is a Read-only device.
Figure 49: High-End Configuration using 1 SDRAM Device
ADDR[19:0]
DATA[15:0]
CS
OE
WE
A[11:0]
DQ[31:0]
CS
RAS
CAS
FLASH
16Mb
WE
DQM[3:2]
SDRAM
128Mb
STV3550
NOT_CS_FLASH
ADDR[19:0]
FLASH_D[15:0]
NOT_RAS
NOT_CAS
RD_NOT_WR
NOT_BE[1:0]
CKOUT_SDRAM
SDRAM_D[15:0]
NOT_CS_SDRAM
[19:0]
[12:1]
[15:0]
[19:0]
CLK
BA[1:0]
[16:15]
CKEN
CKIN_SDRAM
DQM[1:0]
[19:18]
[15:0]
[15:0]
(LSBs)
(MSBs)
[31:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com