Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 91 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 87Page - STMicroelectronics STV3550 Datasheet HTML 88Page - STMicroelectronics STV3550 Datasheet HTML 89Page - STMicroelectronics STV3550 Datasheet HTML 90Page - STMicroelectronics STV3550 Datasheet HTML 91Page - STMicroelectronics STV3550 Datasheet HTML 92Page - STMicroelectronics STV3550 Datasheet HTML 93Page - STMicroelectronics STV3550 Datasheet HTML 94Page - STMicroelectronics STV3550 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
STV3550
91/144
7.4
Real Time Clock (RTC)
The Real Time Clock (RTC) provides a set of continuously running counters which can be used,
with suitable software, to provide a clock/calendar function. The counter values can be written to set
the current time/date data. The RTC is clocked by a 32.768 kHz crystal oscillator.
7.4.1
Real Time Clock (RTC)
The RTC contains two counters:
●
30-bit “milliseconds” counter,
●
16-bit “weeks” counter.
This allows large time values to be represented with high accuracy, without the complication of
handling long (greater than 32 bit) integers in C.
Both counters increment at 1.024 kHz.
Because the RTC must run continuously, the counters are not reset by the software or Watchdog
reset. Only a global external chip reset will reset the counters.
7.4.1.1 RTC Counters
Because the “milliseconds” counter increments at 1.024 kHz, the value does not actually represent
milliseconds and must be taken into account by any concerned software applications. The
milliseconds counter is modulo 1 week, or 619,315,200; i.e. 1024 (one second) x 60 (one minute) x
60 (one hour) x 24 (one day) x 7 (one week).
The “weeks” counter is incremented when the milliseconds counter wraps from 619,315,199 to 0.
This is a 16-bit counter. The current value of both counters can be read at any time by the CPU.
7.4.1.2 RTC Alarm
The RTC can provide an interrupt to the CPU when the counter reaches a programmed value and
the function is enabled.
Two dedicated registers, a 30-bit “milliseconds” register and a 16-bit “weeks” register can be
programmed by software.
If the Alarm Enable bit is set and the RTC counter reaches (equals) the reference value, an interrupt
is generated.
The alarm fuction is capable of waking up the MCU even in Eco Standby mode.
Application examples could be the automatic TV switch-off or wake-up functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com