Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3550 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 47Page - STMicroelectronics STV3550 Datasheet HTML 48Page - STMicroelectronics STV3550 Datasheet HTML 49Page - STMicroelectronics STV3550 Datasheet HTML 50Page - STMicroelectronics STV3550 Datasheet HTML 51Page - STMicroelectronics STV3550 Datasheet HTML 52Page - STMicroelectronics STV3550 Datasheet HTML 53Page - STMicroelectronics STV3550 Datasheet HTML 54Page - STMicroelectronics STV3550 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 144 page
background image
Graphics Functional Description
STV3550
51/144
●
Subtitle mode (full-quality picture with subtitle windows)
●
Newsflash mode / Box attribute (Text with solid background, other areas with standard video)
●
Zoom mode: Characters and semi-graphic symbols are zoomed in by a vertical factor of 2.
The zoom is done by software. Half a page is then displayable. A key enables the user to
alternatively display the upper half of the page, the bottom half of the page or the complete
page without zoom.
4.3.2
Teletext Level 2.5
In Teletext 2.5, additional graphics objects are decoded to enhance Teletext page content. Up to 32
re-definable colors can be used by graphic objects. Moreover, up to 16 columns can be added to
either side of the page. Horizontal resolution is then increased to 672 pixels per line.
4.3.3
TeleWeb
●
Full support of authored content in a 640 x 480 pixel area
●
Minimum colour resolution of 12 bit (RGB = 444), 24 bit recommended
●
Support for a minimum of 196 colours (the default CLUT)
●
Software Dithering to achieve best color matching
●
Support for full (100%) and partial (30%) transparency
●
Support for GIF, JPEG and PNG image formats, including animation
Figure 36: Teletext Level 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com